Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 203 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 203 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 199Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 200Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 201Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 202Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 203Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 204Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 205Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 206Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 203
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 20-19: VTH, VIL of I/O PINS (SCHMITT TRIGGER) VS. VDD
FIGURE 20-20: VTH (INPUT THRESHOLD VOLTAGE) OF OSC1 INPUT
(IN XT AND LF MODES) vs. VDD
2.0
VDD (Volts)
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
6.0
4.0
4.5
5.0
VIH, max (-40
°C to +85°C)
VIH, typ (25
°C)
VIH, min (-40
°C to +85°C)
VIL, max (-40
°C to +85°C)
VIL, typ (25
°C)
VIL, min (-40
°C to +85°C)
VDD (Volts)
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.2
1.4
1.6
1.8
2.0
2.2
2.4
6.0
2.6
2.8
3.0
Min (-40
°C to +85°C)
3.2
3.4
Max (-40
°C to +85°C)
Typ (25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com