Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3424CDV Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI3424CDV
Description  N-Channel 30 V (D-S) MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI3424CDV Datasheet(HTML) 2 Page - Vishay Telefunken

  SI3424CDV Datasheet HTML 1Page - Vishay Telefunken SI3424CDV Datasheet HTML 2Page - Vishay Telefunken SI3424CDV Datasheet HTML 3Page - Vishay Telefunken SI3424CDV Datasheet HTML 4Page - Vishay Telefunken SI3424CDV Datasheet HTML 5Page - Vishay Telefunken SI3424CDV Datasheet HTML 6Page - Vishay Telefunken SI3424CDV Datasheet HTML 7Page - Vishay Telefunken SI3424CDV Datasheet HTML 8Page - Vishay Telefunken SI3424CDV Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 67443
S11-0863-Rev. A, 02-May-11
Vishay Siliconix
Si3424CDV
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
VDS/TJ
ID = 250 µA
28
mV/°C
VGS(th) Temperature Coefficient
VGS(th)/TJ
- 3.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS =  5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 7.2 A
0.021
0.026
VGS = 4.5 V, ID = 6.5 A
0.026
0.032
Forward Transconductance
gfs
VDS = 15 V, ID = 7.2 A
17
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
405
pF
Output Capacitance
Coss
92
Reverse Transfer Capacitance
Crss
42
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 7.2 A
8.3
12.5
nC
VDS = 24 V, VGS = 4.5 V, ID = 7.2 A
4.2
6.3
Gate-Source Charge
Qgs
1.2
Gate-Drain Charge
Qgd
1.6
Gate Resistance
Rg
f = 1 MHz
0.6
3
6
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.6 
ID  5.7 A, VGEN = 10 V, Rg = 1 
36
ns
Rise Time
tr
12
20
Turn-Off DelayTime
td(off)
16
24
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.6 
ID  5.7 A, VGEN = 4.5 V, Rg = 1 
10
20
Rise Time
tr
22
33
Turn-Off DelayTime
td(off)
15
23
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
3
A
Pulse Diode Forward Currenta
ISM
20
Body Diode Voltage
VSD
IS = 5.7 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5.7 A, dI/dt = 100 A/µs
13
20
nC
Body Diode Reverse Recovery Charge
Qrr
510
ns
Reverse Recovery Fall Time
ta
8
Reverse Recovery Rise Time
tb
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com