| Electronic Components Datasheet Search |
|
PIC17LC44-08/JW Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17LC44-08/JW Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 240 page ![]() © 1996 Microchip Technology Inc. DS30412C-page 21 PIC17C4X 5.0 INTERRUPTS The PIC17C4X devices have 11 sources of interrupt: • External interrupt from the RA0/INT pin • Change on RB7:RB0 pins • TMR0 Overflow • TMR1 Overflow • TMR2 Overflow • TMR3 Overflow • USART Transmit buffer empty • USART Receive buffer full • Capture1 • Capture2 • T0CKI edge occurred There are four registers used in the control and status of interrupts. These are: • CPUSTA • INTSTA • PIE • PIR The CPUSTA register contains the GLINTD bit. This is the Global Interrupt Disable bit. When this bit is set, all interrupts are disabled. This bit is part of the controller core functionality and is described in the Memory Orga- nization section. When an interrupt is responded to, the GLINTD bit is automatically set to disable any further interrupt, the return address is pushed onto the stack and the PC is loaded with the interrupt vector address. There are four interrupt vectors. Each vector address is for a specific interrupt source (except the peripheral interrupts which have the same vector address). These sources are: • External interrupt from the RA0/INT pin • TMR0 Overflow • T0CKI edge occurred • Any peripheral interrupt When program execution vectors to one of these inter- rupt vector addresses (except for the peripheral inter- rupt address), the interrupt flag bit is automatically cleared. Vectoring to the peripheral interrupt vector address does not automatically clear the source of the interrupt. In the peripheral interrupt service routine, the source(s) of the interrupt can be determined by testing the interrupt flag bits. The interrupt flag bit(s) must be cleared in software before re-enabling interrupts to avoid infinite interrupt requests. All of the individual interrupt flag bits will be set regard- less of the status of their corresponding mask bit or the GLINTD bit. For external interrupt events, there will be an interrupt latency. For two cycle instructions, the latency could be one instruction cycle longer. The “return from interrupt” instruction, RETFIE, can be used to mark the end of the interrupt service routine. When this instruction is executed, the stack is “POPed”, and the GLINTD bit is cleared (to re-enable interrupts). FIGURE 5-1: INTERRUPT LOGIC TMR1IF TMR1IE TMR2IF TMR2IE TMR3IF TMR3IE CA1IF CA1IE CA2IF CA2IE TXIF TXIE RCIF RCIE RBIF RBIE T0IF T0IE INTF INTE T0CKIF T0CKIE GLINTD PEIE Wake-up (If in SLEEP mode) or terminate long write Interrupt to CPU PEIF This document was created with FrameMaker404 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |