Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS504_V3 Datasheet(PDF) 3 Page - Hexawave, Inc

Part # HWS504_V3
Description  GaAs 2-6 GHz SPDT Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS504_V3 Datasheet(HTML) 3 Page - Hexawave, Inc

  HWS504_V3 Datasheet HTML 1Page - Hexawave, Inc HWS504_V3 Datasheet HTML 2Page - Hexawave, Inc HWS504_V3 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HWS504
GaAs 2-6 GHz SPDT Switch
August 2011 V3
Hexawave Inc. 2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Pin Out (Top View)
CB
3
2
1
4
5
6
RFC
RF1
VC2
CB
RF2
CB
VC1
GND
Note:
1. DC blocking capacitors CB=8pF are required on all RF ports.
2. Exposed pad in the bottom must be connected to ground by via holes.
Logic Table for Switch On-path
VC1
VC2
RFC-RF1
RFC-RF2
1
0
OFF
ON
0
1
ON
OFF
‘1’ = +3V to +5V
‘0’ = 0V to +0.2V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com