Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/PQ Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC17LC44-08/PQ
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/PQ Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC17LC44-08/PQ Datasheet HTML 16Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 17Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 18Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 19Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 20Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 21Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 22Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 23Page - Microchip Technology PIC17LC44-08/PQ Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 240 page
background image
PIC17C4X
DS30412C-page 20
© 1996 Microchip Technology Inc.
Bank 2
TMR1
10h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR2
11h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
12h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3H
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PR1
14h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PR2
15h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PR3/CA1L
16h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PR3/CA1H
17h
xxxx xxxx
uuuu uuuu
uuuu uuuu
Bank 3
PW1DCL
10h
xx-- ----
uu-- ----
uu-- ----
PW2DCL
11h
xx-- ----
uu-- ----
uu-- ----
PW1DCH
12h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PW2DCH
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CA2L
14h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CA2H
15h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TCON1
16h
0000 0000
0000 0000
uuuu uuuu
TCON2
17h
0000 0000
0000 0000
uuuu uuuu
Unbanked
PRODL (5)
18h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODH (5)
19h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR SPECIAL FUNCTION REGISTERS
(Cont.’d)
Register
Address
Power-on Reset
MCLR Reset
WDT Reset
Wake-up from SLEEP
through interrupt
Legend: u = unchanged, x = unknown, - = unimplemented read as '0',
q
= value depends on condition.
Note 1: One or more bits in INTSTA, PIR will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GLINTD bit is cleared, the PC is loaded with the interrupt
vector.
3: See Table 4-3 for reset value of specific condition.
4: Only applies to the PIC17C42.
5: Does not apply to the PIC17C42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com