Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP-VO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GP-VO
Description  Thermal conductivity: 0.8 W/m-K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP-VO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GP-VO Datasheet HTML 1Page - List of Unclassifed Manufacturers GP-VO Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gap Pad® VO is a cost-effective, thermally
conductive interface material.The material
is a filled, thermally conductive polymer
supplied on a rubber-coated fiberglass
carrier allowing for easy material
handling.The conformable nature of
Gap Pad® VO allows the pad to fill in air
gaps between PC boards and heat sinks
or a metal chassis.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Gap Pad® VO
TYPICAL APPLICATIONS INCLUDE
• Telecommunications
• Computer and peripherals
• Power conversion
• Between heat-generating semiconductors or
magnetic components and a heat sink
• Area where heat needs to be transferred to a frame,
chassis, or other type of heat spreader
CONFIGURATIONS AVAILABLE
• Sheet form and die-cut parts
PDS_GP_VO_0711
FEATURES AND BENEFITS
• Thermal conductivity: 0.8 W/m-K
• Enhanced puncture, shear and
tear resistance
• Conformable gap filling material
• Electrically isolating
PRODUCT DESCRIPTION
Conformable,Thermally Conductive
Material for Filling Air Gaps
July 2011
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Gold/Pink
Gold/Pink
Visual
Reinforcement Carrier
Sil-Pad
Sil-Pad
—
Thickness (inch) / (mm)
0.020 to 0.250
0.508 to 6.350
ASTM D374
Inherent Surface Tack (1 sided)
1
1
—
Density (Bulk Rubber) (g/cc)
1.6
1.6
ASTM D792
Heat Capacity (J/g-K)
1.0
1.0
ASTM E1269
Hardness (BulkRubber) (Shore 00) (1)
40
40
ASTM D2240
Young's Modulus (psi) / (kPa) (2)
100
689
ASTM D575
Continuous Use Temp (°F) / (°C)
-76 to 392
-60 to 200
—
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
>6000
>6000
ASTM D149
Dielectric Constant (1000 Hz)
5.5
5.5
ASTM D150
Volume Resistivity (Ohm-meter)
1011
1011
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL
Thermal Conductivity (W/m-K)
0.8
0.8
ASTM D5470
THERMAL PERFORMANCE vs. STRAIN
Deflection (% strain)
10
20
30
Thermal Impedance (°C-in2/W) 0.040" (3)
2.47
2.37
2.24
1) Thirty second delay value Shore 00 hardness scale. 2)Young’s Modulus, calculated using 0.01 in/min.step rate of strain
with a sample size of 0.79 inch2. 3) The ASTM D5470 test fixture was used.The recorded value includes interfacial ther-
mal resistance. These values are provided for reference only. Actual application performance is directly related to the sur-
face roughness,flatness and pressure applied.
TYPICAL PROPERTIES OF GAP PAD VO
1
3
5
7
9
11
13
250
200
150
100
50
0
Thickness vs. Thermal Resistance
Gap Pad VO
Thermal Resistance (C-in2/W)


Similar Part No. - GP-VO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-VOSOFT ETC2-GP-VOSOFT Datasheet
475Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOULTRASOFT-B ETC2-GP-VOULTRASOFT-B Datasheet
376Kb / 2P
Thermal conductivity: 1.0 W/m-K
More results

Similar Description - GP-VO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-3500ULM ETC2-GP-3500ULM Datasheet
368Kb / 2P
Thermal Conductivity: 3.5 W/m-K
GP-A2000 ETC2-GP-A2000 Datasheet
366Kb / 2P
Thermal conductivity: 2.0 W/m-K
GP-A3000 ETC2-GP-A3000 Datasheet
480Kb / 2P
Thermal conductivity: 2.6 W/m-K
GP-EMI1.0 ETC2-GP-EMI1.0 Datasheet
589Kb / 2P
Thermal Conductivity: 1.0 W/m-K
GP-HC3.0 ETC2-GP-HC3.0 Datasheet
441Kb / 2P
Thermal Conductivity: 3.0 W/m-K
GP-HC1000 ETC2-GP-HC1000 Datasheet
482Kb / 2P
Thermal conductivity: 1.0 W/m-K
GP-VOSOFT ETC2-GP-VOSOFT Datasheet
475Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOULTRASOFT-B ETC2-GP-VOULTRASOFT-B Datasheet
376Kb / 2P
Thermal conductivity: 1.0 W/m-K
SP-2000 ETC2-SP-2000 Datasheet
398Kb / 2P
High thermal conductivity: 3.5 W/m-K
SP-A2000 ETC2-SP-A2000 Datasheet
396Kb / 2P
High thermal conductivity: 3.0 W/m-K
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com