Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POLYPAD400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # POLYPAD400
Description  Polyester based
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

POLYPAD400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  POLYPAD400 Datasheet HTML 1Page - List of Unclassifed Manufacturers POLYPAD400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Poly-Pad® 400 is a fiberglass-reinforced
insulator coated with a filled polyester
resin. Poly-Pad® 400 is economical and
designed for most standard applications.
Polyester-based, thermally conductive
insulators from Bergquist provide a
complete family of materials for
silicone-sensitive applications.
Poly-Pads are ideally suited for
applications requiring conformal
coatings or applications where silicone
contamination is a concern (telecomm
and certain aerospace applications).
Poly-Pads are constructed with
ceramic-filled polyester resins coating
either side of a fiberglass carrier or a
film carrier. The Poly-Pad® family offers
a complete range of performance
characteristics to match individual
applications.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Poly-Pad® 400
TYPICAL APPLICATIONS INCLUDE
• Power supplies
• Automotive electronics
• Motor controls
• Power semiconductors
CONFIGURATIONS AVAILABLE
• Sheet form, die-cut parts and roll form
• With or without pressure sensitive adhesive
• We produce thousands of specials. Tooling charges vary depending on
tolerances and the complexity of the part.
PDS_PP_400_January 2015
FEATURES AND BENEFITS
• Thermal impedance: 1.13°C-in2/W
(@50 psi)
• Polyester based
• For applications requiring
conformal coatings
• Designed for silicone-sensitive
standard applications
PRODUCT DESCRIPTION
Polyester-Based, Thermally
Conductive Insulation Material
January 2015
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Tan
Tan
Visual
Reinforcement Carrier
Fiberglass
Fiberglass
—
Thickness (inch) / (mm)
0.009
0.229
ASTM D374
Hardness (Shore A)
90
90
ASTM D2240
Breaking Strength (lbs/inch)/(kN/m)
100
18
ASTM D1458
Elongation(% at 45° to Warp andFill)
10
10
ASTM D412
Tensile Strength (psi) / (MPa)
7000
48
ASTM D412
Continuous Use Temp (°F) / (°C)
-4 to 302
-20 to 150
—
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
2500
2500
ASTM D149
Dielectric Constant (1000 Hz)
5.5
5.5
ASTM D150
Volume Resistivity (Ohm-meter)
1011
1011
ASTM D257
THERMAL
Thermal Conductivity (W/m-K)
0.9
0.9
ASTM D5470
Flame Rating
V-O
V-O
U.L. 94
THERMAL PERFORMANCE vs PRESSURE
Pressure (psi)
10
25
50
100
200
TO-220 Thermal Performance (°C/W)
5.85
5.61
5.13
4.59
4.12
Thermal Impedance (°C-in2/W) (1)
1.62
1.35
1.13
0.86
0.61
1) The ASTM D5470 test fixture was used. The recorded value includes interfacial thermal resistance. These values are provided for
reference only. Actual application performance is directly related to the surface roughness, flatness and pressure applied.
TYPICAL PROPERTIES OF POLY-PAD 400


Similar Part No. - POLYPAD400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
Polyester based
POLYPADK-4 ETC2-POLYPADK-4 Datasheet
557Kb / 2P
Excellent dielectric and physical strength
More results

Similar Description - POLYPAD400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFP05S1K ETC1-MFP05S1K Datasheet
306Kb / 2P
POLYESTER CAPACITORS
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
Polyester based
logo
FIBOX Enclosing innovat...
7094170 FIBOX-7094170 Datasheet
590Kb / 2P
Enclosure, polyester
13.01.2023
7094320 FIBOX-7094320 Datasheet
57Kb / 2P
Enclosure, polyester
13.01.2023
8104006 FIBOX-8104006 Datasheet
67Kb / 2P
Polyester cabinet
26.07.2023
8104008 FIBOX-8104008 Datasheet
59Kb / 2P
Polyester cabinet
26.07.2023
8104308 FIBOX-8104308 Datasheet
54Kb / 2P
Polyester cabinet
26.07.2023
8104324 FIBOX-8104324 Datasheet
62Kb / 2P
Polyester cabinet
26.07.2023
8104326 FIBOX-8104326 Datasheet
62Kb / 2P
Polyester cabinet
26.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com