Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIRA18ADP Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIRA18ADP
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIRA18ADP Datasheet(HTML) 2 Page - Vishay Telefunken

  SIRA18ADP Datasheet HTML 1Page - Vishay Telefunken SIRA18ADP Datasheet HTML 2Page - Vishay Telefunken SIRA18ADP Datasheet HTML 3Page - Vishay Telefunken SIRA18ADP Datasheet HTML 4Page - Vishay Telefunken SIRA18ADP Datasheet HTML 5Page - Vishay Telefunken SIRA18ADP Datasheet HTML 6Page - Vishay Telefunken SIRA18ADP Datasheet HTML 7Page - Vishay Telefunken SIRA18ADP Datasheet HTML 8Page - Vishay Telefunken SIRA18ADP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SiRA18ADP
www.vishay.com
Vishay Siliconix
S15-0734-Rev. A, 13-Apr-15
2
Document Number: 65314
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. TCASE = 25 °C; Expected voltage stress during 100 % UIS test. Production data log is not available.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
30
-
-
V
Drain-Source Breakdown Voltage
(transient) c
VDSt
VGS = 0 V, ID(aval) = 8.2 A, ttranscient  50 ns
36
-
-
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
-18.5
-
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
--5.2
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.2
-
2.4
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = +20, -16 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
-
-
1
μA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
-
-
10
On-State Drain Current a
ID(on)
VDS  5 V, VGS = 10 V
30
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 10 A
-
0.0070
0.0087
VGS = 4.5 V, ID = 8 A
-
0.0097
0.0135
Forward Transconductance a
gfs
VDS = 10 V, ID = 10 A
-
54
-
S
Dynamic b, d
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
-
1000
-
pF
Output Capacitance
Coss
-
287
-
Reverse Transfer Capacitance
Crss
-34
-
Crss/Ciss Ratio
-
0.034
0.068
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
-
14.3
21.5
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
-
6.9
10.5
Gate-Source Charge
Qgs
-2.8
-
Gate-Drain Charge
Qgd
-1.6
-
Output Charge
Qoss
VDS = 15 V, VGS = 0 V
-
7.8
-
Gate Resistance
Rg
f = 1 MHz
0.4
1.6
3.2
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
-11
22
ns
Rise Time
tr
-9
18
Turn-Off Delay Time
td(off)
-15
30
Fall Time
tf
-5
10
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
-15
30
Rise Time
tr
-10
20
Turn-Off Delay Time
td(off)
-15
30
Fall Time
tf
-7
14
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
13.3
A
Pulse Diode Forward Current a
ISM
--
70
Body Diode Voltage
VSD
IS = 5 A
-
0.77
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/μs,
TJ = 25 °C
-19
35
ns
Body Diode Reverse Recovery Charge
Qrr
-7
14
nC
Reverse Recovery Fall Time
ta
-10
-
ns
Reverse Recovery Rise Time
tb
-9
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com