Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4209 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4209
Description  BNC Female Bulkhead Mount Connector Crimp-Solder Attachment for RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4209 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4209 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4209 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4209 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG55, RG141, RG142, RG223, RG400
• Crimp/Solder Attachment
• Bulkhead
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.43 in [36.32 mm]
Width/Dia.
0.689 in [17.50 mm]
.
Weight
0.041 lbs [18.6 g]
.
Mating Cycles
Mating Torque
to [ to ]
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30µ in. minimum
Insulation
PTFE
Body
Brass
Nickel
100µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG55, RG141, RG142,
RG223, RG400, .480 inch D Hole PE4209
PE4209 REV 1.1
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
for RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4209


Similar Part No. - PE4209

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4209 PASTERNACK-PE4209 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
logo
Pan Jit International I...
PE4209CS PANJIT-PE4209CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4209CS_R1_00001 PANJIT-PE4209CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
logo
Pasternack Enterprises,...
PE4209 PASTERNACK-PE4209_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
More results

Similar Description - PE4209

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44107 PASTERNACK-PE44107 Datasheet
85Kb / 1P
MHV FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 & RG400
PE4078 PASTERNACK-PE4078 Datasheet
313Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4371 PASTERNACK-PE4371 Datasheet
271Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
PE44086 PASTERNACK-PE44086 Datasheet
92Kb / 1P
MINI UHF FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE4044 PASTERNACK-PE4044 Datasheet
268Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4152 PASTERNACK-PE4152 Datasheet
317Kb / 2P
TNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE4694 PASTERNACK-PE4694 Datasheet
234Kb / 3P
RP TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141 RG142, RG223, RG400, .480 inch D Hole
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
PE44194 PASTERNACK-PE44194 Datasheet
211Kb / 2P
RT SMA Female Bulkhead Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com