Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2111 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2111
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2111 Datasheet HTML 1Page - Micro Linear Corporation ML2111 Datasheet HTML 2Page - Micro Linear Corporation ML2111 Datasheet HTML 3Page - Micro Linear Corporation ML2111 Datasheet HTML 4Page - Micro Linear Corporation ML2111 Datasheet HTML 5Page - Micro Linear Corporation ML2111 Datasheet HTML 6Page - Micro Linear Corporation ML2111 Datasheet HTML 7Page - Micro Linear Corporation ML2111 Datasheet HTML 8Page - Micro Linear Corporation ML2111 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ML2111
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VA+ = VD+ = 5V ± 10%, VA- = VD- = -5V ± 10%, CL = 25pF, VIN = 1.41VPK (1.000VRMS),
Clock Duty Cycle = 50%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FILTER
f0(MAX)
Maximum Center Frequency (Note 2)
Figure 15 (Mode 1),
100
kHz
VIN=1VPK (0.707VRMS)Q £ 50, Q Accuracy £ ± 25%
Figure 15 (Mode 1),
150
kHz
Q
£ 20, Q Accuracy £ ± 15%
f0(MIN)
Minimum Center Frequency (Note 2)
Figure 15 (Mode 1),
25
Hz
VIN=1VPK (0.707VRMS)Q £ 50, Q Accuracy £ ± 30%
Figure 15 (Mode 1),
25
Hz
Q
£ 20, Q Accuracy £ ± 15%
f0 Temperature Coefficient
fCLK < 5MHz
-10
ppm/ºC
Clock to Center Frequency Ratio
50:1, fCLK = 5MHz
B Suffix
49.65
49.85
50.05
Q = 10, Figure 15 (Mode 1)
C Suffix
49.45
49.85
50.25
100:1, fCLK = 5MHz
B Suffix
99.6
100.0
100.4
C Suffix
99.2
100.0
100.8
fCLK
Clock Frequency
Q
£ 20, Q Accuracy £ ±15%
2.5
7500
kHz
Clock Feedthrough
fCLK £ 5MHz
10
20
mV(P-P)
Q Accuracy
fCLK = 5MHz, Q = 10,
B Suffix
±3
%
50:1, Figure 15 (Mode 1)
C Suffix
±5
%
fCLK = 5MHz, Q = 10,
B Suffix
±4
%
100:1, Figure 15 (Mode 1) C Suffix
±8
%
Q Temperature Coefficient
fCLK < 5MHz, Q = 10
20
ppm/ºC
VOS2,3
DC Offset
50:1, fCLK = 5MHz
B Suffix
7
40
mV
SA/B = High or Low
C Suffix
7
60
mV
100:1, fCLK = 5MHz
B Suffix
14
60
mV
SA/B =High or Low
C Suffix
14
100
mV
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage
|VA+|, |VD+| - |VA-|, |VD-| ...................................... 13V
VA+, VD+ to LSh ..................................................... 13V
Inputs ...................... |VA+, VD+| +0.3V to |VA-, VD-| -0.3V
Outputs ................... |VA+, VD+| +0.3V to |VA-, VD-| -0.3V
|VA+| to |VD+| ........................................................ ±0.3V
Junction Temperature .............................................. 150ºC
Storage Temperature Range ...................... –65ºC to 150ºC
Lead Temperature (Soldering, 10 sec) ..................... 300ºC
Thermal Resistance (
qJA)
20-Pin PDIP ...................................................... 67ºC/W
20-Pin SOIC ..................................................... 95ºC/W
OPERATING CONDITIONS
Temperature Range
ML2111CCX .............................................. 0ºC to 70ºC
ML2111CIP ............................................. -40ºC to 85ºC
Supply Range ........................................ ±2.25V to ±6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com