Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2111CIP Datasheet(PDF) 19 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 19 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 15Page - Micro Linear Corporation ML2111CIP Datasheet HTML 16Page - Micro Linear Corporation ML2111CIP Datasheet HTML 17Page - Micro Linear Corporation ML2111CIP Datasheet HTML 18Page - Micro Linear Corporation ML2111CIP Datasheet HTML 19Page - Micro Linear Corporation ML2111CIP Datasheet HTML 20Page - Micro Linear Corporation ML2111CIP Datasheet HTML 21Page - Micro Linear Corporation ML2111CIP Datasheet HTML 22Page - Micro Linear Corporation ML2111CIP Datasheet HTML 23Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ML2111
19
above the center frequency through the resistor ratio Rh/
Rl. Because of this, modes 3 and 3a are the most versatile
and useful modes for cascading second order sections to
obtain high order elliptic filters. For very selective
bandpass/bandreject filters the mode 3a approach , as in
Figure 24, yields better dynamic range since the external
op amp helps to optimize the dynamics of the output
nodes of the ML2111.
Modes 4 and 5 are useful for constructing allpass res-
ponse filters. Mode 4, Figure 25, gives an allpass
response, but due to the sampled nature of the filter, a
slight 0.5 dB peaking can occur around the center
Figure 26. Mode 4a: 2nd Order Filter Providing Highpass, Bandpass, Lowpass, Allpass — ½ ML2111
f
f
R2
R
Q
R3
R2
R2
R
CLK
0
100 50
4
4
=™
=
™
()
;;
H
R
R
H
R2
R
OAP
OHP
== -
5
21
;;
H
R
R
OLP =-
4
1
;
H
R3
R
OBP =-
1
OPERATION MODES (Continued)
Figure 25. Mode 4: 2nd Order Filter Providing Allpass, Bandpass, Lowpass — ½ ML2111
+
Σ
BP
LP
VIN
S1A
V+
R1 = R2
SA/B
6
15
5 (16)
AP
3 (18)
2 (19)
1 (20)
R3
R2
4 (17)
f
f
o
CLK
=
100 50
05; Q
R
R
=
3
2
; H
R
R
OAP = -
2
1
; HOLP =-2; H
R
R
OBP = - 
 
2
3
2
frequency. Mode 4a (Figure 26) gives a non-inverting
output, but requires an external op amp. Mode 5 is
recommended if this response is unacceptable. Mode 5
(Figure 27) gives a flatter response than mode 4 if R1 = R2
= 0.02
´ R4.
Modes 6 and 7 are used to construct 1st order filters.
Mode 6a (Figure 28) gives a lowpass and a highpass
single pole response. Mode 6b (Figure 29) gives an
inverting and non-inverting lowpass single pole filter
response. Mode 7 (Figure 30) gives an allpass and lowpass
single pole response.
LP
VIN
V-
R1
SA/B
6
15
1 (20)
R3
R2
4 (17)
R4
+
Σ
BP
S1A
5 (16)
HP
3 (18)
2 (19)
2R
R5
R
External
Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com