Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2281 Datasheet(PDF) 20 Page - Micro Linear Corporation

Part # ML2281
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281 Datasheet(HTML) 20 Page - Micro Linear Corporation

Back Button ML2281 Datasheet HTML 16Page - Micro Linear Corporation ML2281 Datasheet HTML 17Page - Micro Linear Corporation ML2281 Datasheet HTML 18Page - Micro Linear Corporation ML2281 Datasheet HTML 19Page - Micro Linear Corporation ML2281 Datasheet HTML 20Page - Micro Linear Corporation ML2281 Datasheet HTML 21Page - Micro Linear Corporation ML2281 Datasheet HTML 22Page - Micro Linear Corporation ML2281 Datasheet HTML 23Page - Micro Linear Corporation ML2281 Datasheet HTML 24Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
20
APPLICATIONS (Continued)
Obtaining 9-Bit Resolution
VCC
VIN
VIN (+)
VIN (–)
VCC
VCC
(5VDC)
–15VDC
15VDC
VREF
+
–
ML2281
+
–
–
≤ 2.5V
> 2.5V
+
R
R
( (
ML2281
+
+
10
µF
OP
AMP
600
Ω
1
µF
VIN (–)
VIN (+)
VCC
VREF
VCC
(5VDC)
VCC
(5VDC)
ML2281
LOAD
LM336
9.1k
Ω
240k
Ω
120k
Ω
100
Ω
0.1
Ω
(2A FULL-SCALE)
ILOAD
2k
Ω
1k
Ω
FS
ADJ.
10k
Ω
FS
ADJ.
100
Ω
ZERO
ADJ.
+
10
µF
→
VIN (+)
*VIN (–) = 0.15VCC
15% OF VCC ≤VXDR ≤85% OF VCC
VCC
VREF
VCC
(5VDC)
ML2281
0.7 VCC
1k
Ω
FS
ADJ.
1k
Ω
ZERO
ADJ.
24k
Ω
+
10
µF
+
1
µF
VCC
(5VDC)
+
+
10
µF
10k
Ω
2k
Ω
20k
Ω
3k
Ω
VIN (–)*
XDR
VXDR
VIN (+)
VIN
VCC
VREF
ML2281
+
1
µF SET FOR 3V
VIN (–)
CONTROLLER PERFORMS A ROUTINE TO DETERMINE WHICH
INPUT POLARITY PROVIDES A NON-ZERO OUTPUT CODE.
THIS INFORMATION PROVIDES THE EXTRA BITS.
DIODE CLAMPING IS NOT NEEDED
IF CURRENT IS LIMITED TO 25mA
3k
Ω
1k
Ω
Protecting the Input
Operating with Ratiometric Transducers
Span Adjust: 0V - VIN - 3V
Digitizing a Current Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com