Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2340 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2340
Description  Single Supply, Programmable 8-Bit D/A Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2340 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2340 Datasheet HTML 1Page - Micro Linear Corporation ML2340 Datasheet HTML 2Page - Micro Linear Corporation ML2340 Datasheet HTML 3Page - Micro Linear Corporation ML2340 Datasheet HTML 4Page - Micro Linear Corporation ML2340 Datasheet HTML 5Page - Micro Linear Corporation ML2340 Datasheet HTML 6Page - Micro Linear Corporation ML2340 Datasheet HTML 7Page - Micro Linear Corporation ML2340 Datasheet HTML 8Page - Micro Linear Corporation ML2340 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ML2340, ML2350
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage VCC with Respect to AGND ............ 14.2V
DGND ............................................ –0.3V to VCC + 0.3V
VZS, VREF IN ................................................–0.3V to VCC + 0.3V
Logic Inputs .................................... –0.3V to VCC + 0.3V
Input Current per Pin ............................................ ±25mA
Storage Temperature .............................. –65°C to +150°C
Package Dissipation at TA = 25°C (Board Mount) ... 875mW
Lead Temperature (Soldering 10 sec.)
Dual-In-Line Package (Molded) .......................... 260°C
Dual-In-Line Package (Ceramic) ......................... 300°C
Molded Small Outline IC Package
Vapor Phase (60 sec.) ..................................... 215°C
Infrared (15 sec.) ............................................ 220°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operating temperature range, VCC – AGND = 5V ±10% and 12V ±10%, VREF IN for
ML2340 = 2.25V and 4.50V, for ML2350 VREF IN = 2.50V and 5.00V, VOUT load is RL = 1kW and CL = 100pF, VREF load is
RL = 1kW and CL = 100pF and input control signals with tR = tF - 20ns. (Note 1)
ML2340XCX, ML2350XCX
ML2350XIX
PARAMETER
NOTES
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Converter and Programmable Gain Amplifier
Converter Resolution
8
8
Bits
Integral Linearity Error
GAIN = 2, 1, 1/2, or 1/4
ML2340BXX, ML2350BXX
±1/4
±1/4
LSB
ML2340CXX, ML2350CXX
±1/2
±1/2
LSB
Differential Linearity Error
GAIN = 2, 1, 1/2, or 1/4
ML2340BXX, ML2350BXX
±1/4
±1/4
LSB
ML2340CXX, ML2350CXX
±1/2
±1/2
LSB
Mode Select
VZS with respect to AGND
Unipolar Output
0
1.0
0
1.0
V
Bipolar Output
1.50
VCC–2.25
1.50
VCC–2.25
V
Offset Error
Figure 1
Unipolar Mode
GAIN = 1/4, 1/2, 1
±10
±12
mV
GAIN = 2
±20
±24
mV
Bipolar Mode
Figure 1
GAIN = 1/4, 1/2, 1, 2
±10 plus
±10 plus
mV
±21/2 LSB
±21/2 LSB
Gain Error
Figure 1
Unipolar Mode
GAIN = 1/4, 1/2, 1, 2
±0.5
±2
±0.5
±2.5
%FS
Bipolar Mode
GAIN = 1/4, 1/2, 1, 2
±0.5
±2
±0.5
±2.5
%FS
OPERATING CONDITIONS
Supply Voltage, VCC .......................... 4.5VDC to 13.2VDC
Temperature Range
ML2350BIJ .......................................... –40°C to +85°C
ML2340BCP, ML2340CCP
ML2350BCP, ML2350CCP
ML2340BCS, ML2340CCS
ML2350BCS, ML2350CCS ..................... 0°C to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com