Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2652 Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML2652
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2652 Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML2652 Datasheet HTML 15Page - Micro Linear Corporation ML2652 Datasheet HTML 16Page - Micro Linear Corporation ML2652 Datasheet HTML 17Page - Micro Linear Corporation ML2652 Datasheet HTML 18Page - Micro Linear Corporation ML2652 Datasheet HTML 19Page - Micro Linear Corporation ML2652 Datasheet HTML 20Page - Micro Linear Corporation ML2652 Datasheet HTML 21Page - Micro Linear Corporation ML2652 Datasheet HTML 22Page - Micro Linear Corporation ML2652 Datasheet HTML 23Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
ML2652/ML2653
The controller interface consists of seven pins. TxC, TxD,
and TxE are the transmit clock output, transmit data input,
and transmit data enable input, respectively. RxC, RxD,
and RxE are the receive clock output, receive data output,
and receive data enable output, respectively. COL is the
collision detect output.
All the standard Ethernet controllers use a similar
controller interface but differ in the polarity of COL, LPBK,
TxE and RxE, and in what edge of TxC and RxC that clocks
in the data. They also differ on whether the RxC clock
needs to be continuous or not during idle, and on the
polarity of RxD during idle. In order to accommodate the
different controller interface definitions, the controller
select pins, CS2–0, modify these signals according to
Table 1.
POWERDOWN
The device can be placed in the power down mode with
the controller select pins CS2–0 as described in Table 1.
When in powerdown mode, the current consumption is
reduced to less than ZmA and all device functions are
disabled.
CRYSTAL OSCILLATOR
The ML2652 requires an accurate 20 MHz reference for
internal clock generation. This can be achieved by
connecting an external crystal or an external clock
between the CLK and GND pins.
If an external clock is used, it must have a frequency of
20 MHz ±0.01% and have high and low levels of 3.5 and
1.5 volts.
If a crystal is used, the crystal should be placed physically
as close as possible to the CLK and GND pins, especially
CLK. No other external capacitors or components are
required. The crystal should have the following
characteristics:
1. Parallel resonant type
2. Frequency: 20 MHz
3. Tolerance: ±0.005% @ 25°C
4. Less than 0.005% frequency drift across
temperature.
5. Maximum equiv. series resistance:
15 ohms @ 1–200µW
30 ohms @ 0.01–1µW
6. Typical load capacitance: 20pF
7. Maximum case capacitance: 5pF
Table 1. Controller Select Pin Definitions
Idl
Idl
CS2–0
TxC
TxE
RxC
RxE
COL
LPBK
RxC
RxD
Controller
0 0 0
r
h
r
h
h
h
m
l
NSC
DP8390
0 0 1
flfl
l
l
n
hi
Intel
82586/96
0 1 0
r
h
r
h
h
h
n
hi
AMD
AM7990
Motorola*
0 1 1
f
h
r
h
h
l
c
lo
Seeq
8003/5
1 0 0
————
—
———
—
1 0 1
————
—
———
—
1 1 0
————
—
———
—
1 1 1
————
—
———
PDN mode
r = rising edge clocks data
h = active high
c = RxC required continuously
f = falling edge clocks data
l = active low
n = RxC only during RxD transmission
m = RxC only during RxD transmission + 5 extra RxC cycles
* AMD mode is also recommended for all Motorola's QUICC, Power QUICC or simlar Communications Controllrs (MPC850, MPC860m ....). These controllers should be 5V or
3.3 V devices with 5V-friendly I/O pins
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com