Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2280CCS Datasheet(PDF) 20 Page - Micro Linear Corporation

Part # ML2280CCS
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280CCS Datasheet(HTML) 20 Page - Micro Linear Corporation

Back Button ML2280CCS Datasheet HTML 12Page - Micro Linear Corporation ML2280CCS Datasheet HTML 13Page - Micro Linear Corporation ML2280CCS Datasheet HTML 14Page - Micro Linear Corporation ML2280CCS Datasheet HTML 15Page - Micro Linear Corporation ML2280CCS Datasheet HTML 16Page - Micro Linear Corporation ML2280CCS Datasheet HTML 17Page - Micro Linear Corporation ML2280CCS Datasheet HTML 18Page - Micro Linear Corporation ML2280CCS Datasheet HTML 19Page - Micro Linear Corporation ML2280CCS Datasheet HTML 20Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ML2280, ML2283
20
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design.
Micro Linear does not assume any liability arising out of the application or use of any product described herein,
neither does it convey any license under its patent right nor the rights of others. The circuits contained in this
data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility
or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel
before deciding on a particular application.
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940;
5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946; 2619299. Other patents are pending.
DS2280_83-01
SEATING PLANE
0.240 - 0.260
(6.09 - 6.61)
PIN 1 ID
0.295 - 0.325
(7.49 - 8.25)
0.740 - 0.760
(18.79 - 19.31)
0.016 - 0.022
(0.40 - 0.56)
0.100 BSC
(2.54 BSC)
0.008 - 0.012
(0.20 - 0.31)
0.015 MIN
(0.38 MIN)
14
0º - 15º
1
0.050 - 0.065
(1.27 - 1.65)
0.170 MAX
(4.32 MAX)
0.125 MIN
(3.18 MIN)
0.070 MIN
(1.77 MIN)
(4 PLACES)
Package: P14
14-Pin PDIP
ORDERING INFORMATION
ALTERNATE
TOTAL
TEMPERATURE
PART NUMBER
PART NUMBER
UNADJUSTED ERROR
RANGE
PACKAGE
SINGLE ANALOG INPUT, 8-PIN PACKAGE
ML2280BIP (Obs)
–40°C to 85°C
8-Pin DIP (P08)
ML2280BIS (Obs)
±1/2 LSB
–40°C to 85°C
8-Pin SOIC (S08)
ML2280BCP (Obs)
0°C to 70°C
8-Pin DIP (P08)
ML2280BCS (Obs)
0°C to 70°C
8-Pin SOIC (S08)
ML2280CIP (Obs)
–40°C to 85°C
8-Pin DIP (P08)
ML2280CIS (Obs)
±1 LSB
–40°C to 85°CQ
8-Pin SOIC (S08)
ML2280CCP (Obs)
0°C to 70°C
8-Pin DIP (P08)
ML2280CCS (Obs)
0°C to 70°C
8-Pin SOIC (S08)
TWO ANALOG INPUTS, 14-PIN PACKAGE
ML2283BIP (Obs)
ADC0833CCN
±1/2 LSB
–40°C to 85°C
14-Pin DIP (P014)
ML2283BCP (Obs)
ADC0833BCN
0°C to 70°C
14-Pin DIP (P014)
ML2283CIP (Obs)
ADC0833BCN
±1 LSB
–40°C to 85°C
14-Pin DIP (S014)
ML2283CCP (EOL)
ADC0833CCN
0°C to 70°C
14-Pin DIP (P014)
PHYSICAL DIMMENSIONS inches (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com