Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4411CS Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4411CS
Description  Sensorless Spindle Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4411CS Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4411CS Datasheet HTML 6Page - Micro Linear Corporation ML4411CS Datasheet HTML 7Page - Micro Linear Corporation ML4411CS Datasheet HTML 8Page - Micro Linear Corporation ML4411CS Datasheet HTML 9Page - Micro Linear Corporation ML4411CS Datasheet HTML 10Page - Micro Linear Corporation ML4411CS Datasheet HTML 11Page - Micro Linear Corporation ML4411CS Datasheet HTML 12Page - Micro Linear Corporation ML4411CS Datasheet HTML 13Page - Micro Linear Corporation ML4411CS Datasheet HTML 14Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
ML4411/ML4411A
ICMD
ILIMIT
BRAKE
VCC
PH3
PH2
PH1
IRAMP
RC
+5V
ENABLE E/A
PWR FAIL
RESET
VCO/TACH OUT
GND
P1
P2
VCC2
P3
COTA
CBRK
DIS PWR
N1
N2
N3
ISENSE
COS
CVCO
0.01
1.2K
0.5
+V
+V
10K
10K
10K
+5
+12
+5
+5
+12
+
+12
3.3K
10K
1M
+5
+5
1M
2.2
CDLY
+12
0.01
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0.02
Figure 15. ML4411 Unipolar Drive Application
In unipolar operation, the motor‘s windings must be
allowed to drive freely to:
VF(MAX) = VSUPPLY (MAX) + VEMF (MAX)
Therefore, there can be no diodes to clamp the inductive
energy to VSUPPLY. This energy must be clamped,
however, to avoid an over-voltage condition on the
MOSFETs and other components. Typically, a VCLAMP
voltage is created to provide the clamping voltage. The
inductive energy may either be dissipated (Figure 16) or
alternately efficiently regenerated back to the system
supply (Figure 17).
The circuit in Figure 15 is designed to minimize the
external components necessary, at some compromise to
performance. The 3 resistors from the motor phase
windings to the PH inputs work with the ML4411‘s 8Ký
internal resistance to ground to divide the motor‘s
phase voltage down, providing input signals that do not
exceed 12V.
VCLAMP = +24V
12V
BATTERY
C1
0.1
+12V TO
VCC AND VCC2
+12V
5V
REG
12V
LDO
0.1
1000
10
0.1
+5V
Figure 16. Dissipative Clamping Technique
This circuit uses analog speed regulation. The 1Mý
resistor from Pin 20 to the speed regulation op amp
provides the function of injecting current into the VCO
loop filter for the open loop stepping phase of start-up
operation. The “one shot” circuitry to time the reset is
replaced by a diode and RC delay from the rising edge or
the POWERFAIL signal. The error amplifier is left enabled
continuously since at low speeds its current contribution
is negligible. The current injected into the loop filter must
be greater than the leakage current from the phase
detector amplifier for the motor to start reliably.
VCLAMP = +24V
5V
REG
12V
LDO
0.1
D1
L1
12V
BATTERY
50% DUTY
CYCLE
Figure 17. Non-Dissipative Clamping Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com