Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4423 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4423
Description  1, 2, or 3-Phase Variable Speed AC Motor Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4423 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4423 Datasheet HTML 1Page - Micro Linear Corporation ML4423 Datasheet HTML 2Page - Micro Linear Corporation ML4423 Datasheet HTML 3Page - Micro Linear Corporation ML4423 Datasheet HTML 4Page - Micro Linear Corporation ML4423 Datasheet HTML 5Page - Micro Linear Corporation ML4423 Datasheet HTML 6Page - Micro Linear Corporation ML4423 Datasheet HTML 7Page - Micro Linear Corporation ML4423 Datasheet HTML 8Page - Micro Linear Corporation ML4423 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2000
ML4423*
1, 2, or 3-Phase Variable Speed AC Motor Controller
BLOCK DIAGRAM
1
GENERAL DESCRIPTION
The ML4423 provides the PWM sinewave drive signals
necessary for controlling three phase AC induction motors as
well as single and two phase split capacitor AC induction
motors.
A constant voltage/frequency ratio can be maintained
over a frequency range of greater than 10:1, providing
15Hz to 150Hz control. The output variable frequency AC
voltages are sensed and fed back to the controller to track the
sinewave frequency and amplitude set at the speed control
input. Direction, on two and three phase motors, is controlled
by changing the relative phase difference between the motor
windings: 90
× for two phase motors and 120× and 240× for three
phase motors.
To protect the motor, power devices, high voltage drivers
and control circuitry, the ML4423 includes fixed period,
pulse by pulse variable duty cycle current limit, deadtime
circuitry, and undervoltage lockout. The ML4423 has
selectable output voltage swing of 5V or 12V for
interfacing to different high side drivers and power devices.
FEATURES
s
Drives single, two, and three phase AC motors
s
Greater than 10:1 variable speed control range
s
Constant V/F ratio with programmable end points
s
Reverse capability for two and three phase motors
s
Low distortion PWM sinewave drive
s
Eliminates run capacitors in PSC motors
s
Coast function for quick power disable
s
Low cost interface for various gate drivers
s
PWM current limit, undervoltage lockout, and
programmable deadtime
s
12V
±20% operation with onboard 8V reference
(* Indicates Part Is End Of Life As Of July 1, 2000)
VSPEED
5
CO
12
FB A
1
RSPEED
6
VMIN
4
VDD
GND
RREF
REFERENCE
VREF
26
CT
17
8
7
HA
HB
HC
LA
LB
GATING
LOGIC
&
OUTPUT
DRIVERS
PWM
SINE
WAVE
CONTROL
PWM
OSCILLATOR
SINE A
GENERATOR
SINE C
GENERATOR
SPEED
CONTROL
SINE B
GENERATOR
UVLO
LC
20
ISENSE
16
19
21
23
22
24
5V/12 SELECT
25
RDT
9
COAST
14
13
SINE A-C
27
SINE B-C
28
3PH/2PH
18
F/
R
15
+
–
COMP
0.5V
+
–
+
–
FB B
3
FB C
2
+
–
+
–


Similar Part No. - ML4423

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4420CS MICRO-LINEAR-ML4420CS Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
ML4425CH MICRO-LINEAR-ML4425CH Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
More results

Similar Description - ML4423

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1015 ZETEX-ZXBM1015_07 Datasheet
104Kb / 10P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1017 DIODES-ZXBM1017 Datasheet
150Kb / 10P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
MAY 2007
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
OCTOBER 2004
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
MAY 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com