Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4622 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4622
Description  Fiber Optic Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4622 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4622 Datasheet HTML 1Page - Micro Linear Corporation ML4622 Datasheet HTML 2Page - Micro Linear Corporation ML4622 Datasheet HTML 3Page - Micro Linear Corporation ML4622 Datasheet HTML 4Page - Micro Linear Corporation ML4622 Datasheet HTML 5Page - Micro Linear Corporation ML4622 Datasheet HTML 6Page - Micro Linear Corporation ML4622 Datasheet HTML 7Page - Micro Linear Corporation ML4622 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ML4622, ML4624
ABSOLUTE MAXIMUM RATINGS
VCC – GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 to +7.0
VCC TTL – GND TTL . . . . . . . . . . . . . . . . . . . . . . . –0.3 to +7.0
Inputs/Outputs GND . . . . . . . . . . . . . . . . . . . –0.3 to VCC +0.3
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 sec.) . . . . . . . . . . . . . . +260
°C
ML4622, ML4624 ELECTRICAL CHARACTERISTICS (Note 2 and 3)
Over recommended operating conditions of TA = 0°C to 70°C for commercial temperature range, TA = –40°C to +85°C for
industrial temperature range, VCC = 5V ± 10%, GND = 0V unless otherwise noted (Note 1).
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
ICC1
VCC Supply Current
35
45
mA
GND TTL = VCC
(TTL Output Disabled)
ICC2
VCC Supply Current
55
70
mA
GND TTL = GND
(TTL Output Enabled)
VREF
Reference Voltage
2.40
2.50
2.60
V
IVREF
VREF Output Source Current
5
mA
AV
Amplifier Gain
100
V/V
VIN
Input Signal Range
2
1600
mVP–P
VTHADJ
External Voltage at VTHADJ
0.5
2.6
V
Range
to set VTH
VOS
Input Offset
3
mV
VDC = VREF (DC loop inactive)
EN
Input Referred Noise
25
µV
50MHz BW
BW
3dB Bandwidth
45
MHz
RIN
Input Resistance
1
1.6
2.5
k
Ω
VIN+, VIN–
IVTHADJ
Input Bias Current of VTHADJ
–200
10
+200
µA
tPDTTL
Propagation Delay
15
ns
From VIN+, VIN– to TTL Out
VIN = 10mVP–P
tPDECL
Propagation Delay
11
ns
From VIN+, VIN– to ECL+, ECL–
VIN = 10mVP–P
TTL VOH
2.4
V
VCC TTL = 5V, IOH = –50µA
TTL VOL
0.55
V
VCC TTL = 5V, IOL = 2mA
TTL VIH
2.0
V
TTL VIL
0.8
V
TTL IIH
–50
50
µAVIH = 2.4V
TTL IIL
–1.6
0
mA
VIH = 0.4V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com