Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4642 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4642
Description  AUI Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4642 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4642 Datasheet HTML 1Page - Micro Linear Corporation ML4642 Datasheet HTML 2Page - Micro Linear Corporation ML4642 Datasheet HTML 3Page - Micro Linear Corporation ML4642 Datasheet HTML 4Page - Micro Linear Corporation ML4642 Datasheet HTML 5Page - Micro Linear Corporation ML4642 Datasheet HTML 6Page - Micro Linear Corporation ML4642 Datasheet HTML 7Page - Micro Linear Corporation ML4642 Datasheet HTML 8Page - Micro Linear Corporation ML4642 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 1997
ML4642 AUI Multiplexer
GENERAL DESCRIPTION
The ML4642 AUI Multiplexer contains all the necessary
drivers/receivers and control logic to implement a 2 port
MAU when used in conjuction with a transceiver chip
which has a standard 802.3 AUI interface. In addition, the
ML4642 is capable of operating in stand-alone mode
where it interconnects two DTEs in the absence of a
network MAU. Several ML4642s can be cascaded
together to implement a 4 or 8 port MAU or stand-alone
device.
Logic within the ML4642 detects collisions resulting from
multiple DTEs transmitting simultaneously. In addition,
collision signals received from a transceiver attached at
the MAU port are propagated to both of the DTE ports.
Jabbering DTEs are prevented from loading down the
network by internal jabber timers which disable babbling
ports.
FEATURES
s
IEEE 802.3 compliant AUI interfaces assure
compatibility with any AUI ready devices
s
No crystal or clock input
s
On-chip Jabber logic, Collision Detection, and SQE
test with enable/disable option
s
Selectable Loopback, Jabber, and SQE Test allows
cascading of multiple chips to increase DTE port
BLOCK DIAGRAM
1
VCC
VCC
GND
DTE
AUI
INTERFACE
MAU
AUI
INTERFACE
CONTROL
LOGIC
JABBER
DI MUX
CI MUX
SQE SOURCE
LED DRIVERS
+5V
61.9K
RRSET
TXOUTP
TXOUTN
RXINP
RXINN
CDINP
CDINN
JAB1/JDIS
JAB2
CDLED
RXLED/LPBK/SQE
TXLED1
TXLED2
MAU
AUI
INTERFACE
TXIN1P
TXIN1N
RXOUT1P
RXOUT1N
CDOUT1P
CDOUT1N
TXIN2P
TXIN2N
RXOUT2P
RXOUT2N
CDOUT2P
CDOUT2N
DO MUX


Similar Part No. - ML4642

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4644 MICRO-LINEAR-ML4644 Datasheet
199Kb / 11P
4 Port AUI Multiplexer
ML4644CQ MICRO-LINEAR-ML4644CQ Datasheet
199Kb / 11P
4 Port AUI Multiplexer
More results

Similar Description - ML4642

ManufacturerPart #DatasheetDescription
logo
Level One
LXT904 LVL1-LXT904 Datasheet
500Kb / 18P
Ethernet Interface Adapter with EnDec and AUI
logo
Micro Linear Corporatio...
ML4644 MICRO-LINEAR-ML4644 Datasheet
199Kb / 11P
4 Port AUI Multiplexer
logo
Texas Instruments
SN75LBC088 TI-SN75LBC088 Datasheet
232Kb / 16P
AUI CONCENTRATOR
logo
TALEMA Group. LLC
TAM-40A-J TALEMA-TAM-40A-J Datasheet
82Kb / 1P
AUI Ethernet Isolation Transformers
logo
Datatronic Distribution...
PT21441 DATATRONICS-PT21441 Datasheet
63Kb / 1P
AUI Isolation Modules in PCMACIA package
logo
XFMRS Inc.
XF12261A XFMRS-XF12261A Datasheet
134Kb / 2P
ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X_15 Datasheet
134Kb / 2P
ETHERNET AUI TRANSFORMERS
logo
E&E Magnetic Products L...
821-02079F EEMAGNETIC-821-02079F Datasheet
75Kb / 3P
TRANSFORMER, FOR ETHERNET (AUI TRANSFORMER), SMD, 16 PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com