Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4662 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4662
Description  10BASE-FL Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4662 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4662 Datasheet HTML 1Page - Micro Linear Corporation ML4662 Datasheet HTML 2Page - Micro Linear Corporation ML4662 Datasheet HTML 3Page - Micro Linear Corporation ML4662 Datasheet HTML 4Page - Micro Linear Corporation ML4662 Datasheet HTML 5Page - Micro Linear Corporation ML4662 Datasheet HTML 6Page - Micro Linear Corporation ML4662 Datasheet HTML 7Page - Micro Linear Corporation ML4662 Datasheet HTML 8Page - Micro Linear Corporation ML4662 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ML4662
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TRANSMIT
FTXIDF
Transmit Idle Frequency
0.85
1.25
MHz
PTXDC
Transmit Idle Duty Cycle
45
55
%
tTXNPW
Transmit Turn-On Pulse Width
20
ns
tTXODY
Transmit Turn-On Delay
200
ns
tTXLP
Transmit loopback Start up Delay
500
ns
tTXSOI
Transmit Start of Idle
400
2100
ns
tTXSDY
Transmit Steady State Propagation Delay
15
50
ns
tTXJ
Transmit Jitter into 31
Ω Load
±1.5
ns
tTXFPW
Transmit Turn-off Pulse Width
180
ns
RECEIVE
FRXSFT
Receive Squelch Frequency Threshold
2.51
4.5
MHz
tRXODY
Receive Turn-On Delay
270
ns
tRXFX
Last Bit Received to Slow Decay Output
230
300
ns
tRXSDY
Receive Steady State Propagation Delay
15
50
ns
tRXJ
Receive Jitter
±1.5
ns
tAR
Differential Output Rise Time 20% to 80% (Rx
±, COL±)4
ns
tAF
Differential Output Fall Time 20% to 80% (Rx
±, COL±)4
ns
COLLISION
tCPSQE
Collision Present to SQE Assert
0
350
ns
tSQEXR
Time for SQE to Deactivate After Collision
0
700
ns
FCLF
Collision Frequency
8.5
11.5
MHz
PCLPDC
Collision Pulse Duty Cycle
40
50
60
%
tSQEDY
SQE Test Delay (Tx Inactive to SQE)
0.6
1.6
µs
tSQETD
SQE Test Duration
0.5
1.0
1.5
µs
JABBER AND LED TIMING
tJAD
Jabber Activation Delay
20
70
150
ms
tJRT
Jabber Reset Unjab Time
250
450
750
ms
tJSQE
Delay from Outputs Disabled to Collision Oscillator On
100
ns
tLED
RCV, CLSN, XMT On Time
8
16
32
ms
tLLPH
Low Light Present to LMON High
3
5
10
µs
tLLCL
Low Light Present to LMON Low
250
750
ms
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: This does not include the current from the AUI pull-down resistors, or LED status outputs.
Note 3: LED drivers can sink up to 20mA, but VOL will be higher.
Note 4: Does not include prebias current for fiber optic LED which would typically be 3mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com