Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

034B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 034B
Description  Compact design for minimum visual impact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

034B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  034B Datasheet HTML 1Page - List of Unclassifed Manufacturers 034B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Use Wind Sensor
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
034B Wind Sensor
The 034B Wind Sensor combines wind speed and direction measurements in a single sensing
unit. It installs in minutes and provides accurate, long-term, continuous monitoring in hostile
environments. The sensor uses a quick-connect sensor cable which may extend hundreds of
feet without affecting measurement performance.
Compact design for minimum visual impact
Long field life
Durable aluminum and stainless steel
construction
Low starting threshold
Very low power operation
Easy maintenance and re-alignment
Sealed magnetic reed switch for wind speed
measurement
Aluminum direction vane coupled to a precision
potentiometer
Digital or analog measurement ability
FEATURES
034B Wind Sensor
WInd SpEEd
Range:
0 - 167 mph (0 - 75 m/s)
Starting Threshold:
0.9 mph (0.4 m/s)
Accuracy < 22.7 mph:
.25 mph (0.1 m/s)
Accuracy > 22.7 mph:
±1.1% of true
WInd dIREcTIOn
Range:
Mechanical: 0° - 360°
Electrical:
0 - 356°
Starting Threshold:
0.9 mph (0.4 m/s)
Accuracy:
±4°
Damping Ratio:
.25 standard (.4 to .6 optional)
Resolution:
< 0.5°
TEMpERATURE RAnGE
-30°C to +70°C (-22°F to +158°F)
Minimal icing conditions
OUTpUT SIGnAl
Wind Speed:
Pulsed contact closure
Wind Direction:
Potentiometer output (0 – 10 K ohms)
SpEcIFIcATIOnS


Similar Part No. - 034B

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
034B CAMPBELL-034B Datasheet
406Kb / 2P
Wind Set
07/28/2020
logo
Winchester Electronics ...
034B-060-00401H WINCHESTER-034B-060-00401H Datasheet
95Kb / 1P
DIN 1.0/2.3 75 OHM JACK RIGHT ANGLE PCB MOUNT (ROHS COMPLIANT)
034B-060-00402HU WINCHESTER-034B-060-00402HU Datasheet
93Kb / 1P
DIN 1.0/2.3 75 OHM JACK RIGHT ANGLE PCB MOUNT
034B-060-00402TKU WINCHESTER-034B-060-00402TKU Datasheet
93Kb / 1P
DIN 1.0/2.3 75 OHM JACK RIGHT ANGLE PCB MOUNT
More results

Similar Description - 034B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
Compact design for space-limited application
logo
List of Unclassifed Man...
ANT-315-HESM ETC2-ANT-315-HESM Datasheet
86Kb / 1P
Compact design for easy concealment
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530_16 Datasheet
165Kb / 1P
Compact design for embedded applications
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
Compact design for space-limited application
logo
Ohmite Mfg. Co.
ACL-ACD22 OHMITE-ACL-ACD22 Datasheet
610Kb / 1P
Compact design
logo
Laird Tech Smart Techno...
ES58-17 LSTD-ES58-17 Datasheet
586Kb / 2P
Low end loading and low visual impact
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
Compact design
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
Compact design
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
454Kb / 4P
compact design
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
Compact design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com