Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4761CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4761CS
Description  Adjustable Output Low Voltage Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4761CS Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML4761CS Datasheet HTML 1Page - Micro Linear Corporation ML4761CS Datasheet HTML 2Page - Micro Linear Corporation ML4761CS Datasheet HTML 3Page - Micro Linear Corporation ML4761CS Datasheet HTML 4Page - Micro Linear Corporation ML4761CS Datasheet HTML 5Page - Micro Linear Corporation ML4761CS Datasheet HTML 6Page - Micro Linear Corporation ML4761CS Datasheet HTML 7Page - Micro Linear Corporation ML4761CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ML4761
SETTING THE OUTPUT VOLTAGE
The adjustable output can be set to any voltage between
2.5V and 6V by connecting a resistor divider to the
SENSE pin as shown in the block diagram. The resistor
values R1 and R2 can be calculated using the following
equation:
V
RR
R
OUT =×
+
02
12
2
.
()
(5)
The value of R2 should be 40ký or less to minimize bias
current errors. R1 is then found by rearranging the
equation:
RR
VOUT
12
02
1
=×
−


.
(6)
It is important to note that the accuracy of these resistors
directly affects the accuracy of the output voltage. The
SENSE pin threshold variation is ±3%, and the tolerances
of R1 and R2 will add to this to determine the total output
variation.
REFERENCE CAPACITOR
Under some circumstances input ripple cannot be
reduced effectively. This occurs primarily in applications
where inductor currents are high, causing excess output
ripple due to “pulse grouping”, where the charge-
discharge pulses are not evenly spaced in time. In such
cases it may be necessary to decouple the reference pin
(VREF) with a small 10nF to 100nF ceramic capacitor. This
is particularly true if the ripple voltage at VIN is greater
than 100mV.
In some applications, input noise may cause output ripple
to become excessive due to “pulse grouping”, where the
charge-discharge pulses are not evenly spaced in time. In
such cases it may be necessary to add a small 20pF to
100pF ceramic feedforward capacitor (CFF) from the VIN
pin to the SENSE pin.
LAYOUT
Good PC board layout practices will ensure the proper
operation of the ML4761. Important layout considerations
include:
• Use adequate ground and power traces or planes
• Keep components as close as possible to the ML4761
• Use short trace lengths from the inductor to the VL pin
and from the output capacitor to the VOUT pin
• Use a single point ground for the ML4761 ground pins,
and the input and output capacitors
OUTPUT CAPACITOR
The choice of output capacitor is also important, as it
controls the output ripple and optimizes the efficiency of
the circuit. Output ripple is influenced by three capacitor
parameters: capacitance, ESR, and ESL. The contribution
due to capacitance can be determined by looking at the
change in capacitor voltage required to store the energy
delivered by the inductor in a single charge-discharge
cycle, as determined by the following formula:
∆V
TV
LC
V
V
OUT
ON
IN
OUT
IN
=
×
×× ×
−
22
2(
)
(4)
For a 2.4V input, and 5V output, a 27µH inductor, and a
47µF capacitor, the expected output ripple due to
capacitor value is 87mV.
Capacitor Equivalent Series Resistance (ESR) and
Equivalent Series Inductance (ESL), also contribute to the
output ripple due to the inductor discharge current
waveform. Just after the NMOS transistor turns off, the
output current ramps quickly to match the peak inductor
current. This fast change in current through the output
capacitor’s ESL causes a high frequency (5ns) spike that
can be over 1V in magnitude. After the ESL spike settles,
the output voltage still has a ripple component equal to
the inductor discharge current times the ESR. This
component will have a sawtooth shape and a peak value
equal to the peak inductor current times the ESR. ESR also
has a negative effect on efficiency by contributing
I-squared R losses during the discharge cycle.
An output capacitor with a capacitance of 100µF, an ESR
of less than 0.1ý, and an ESL of less than 5nH is a good
general purpose choice. Tantalum capacitors which meet
these requirements can be obtained from the following
suppliers:
AVX
(207) 282-5111
Sprague
(207) 324-4140
If ESL spikes are causing output noise problems, an EMI
filter can be added in series with the output.
INPUT CAPACITOR
Unless the input source is a very low impedance battery, it
will be necessary to decouple the input with a capacitor
with a value of between 47µF and 100µF. This provides
the benefits of preventing input ripple from affecting the
ML4761 control circuitry, and it also improves efficiency
by reducing I-squared R losses during the charge and
discharge cycles of the inductor. Again, a low ESR
capacitor (such as tantalum) is recommended.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com