Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4769 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4769
Description  2 Cell, Adjustable Output Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4769 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4769 Datasheet HTML 1Page - Micro Linear Corporation ML4769 Datasheet HTML 2Page - Micro Linear Corporation ML4769 Datasheet HTML 3Page - Micro Linear Corporation ML4769 Datasheet HTML 4Page - Micro Linear Corporation ML4769 Datasheet HTML 5Page - Micro Linear Corporation ML4769 Datasheet HTML 6Page - Micro Linear Corporation ML4769 Datasheet HTML 7Page - Micro Linear Corporation ML4769 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2000
PRELIMINARY
ML4769
*
2 Cell, Adjustable Output Boost Regulator
with Load Disconnect
1
GENERAL DESCRIPTION
The ML4769 is a continuous conduction boost regulator
designed for DC to DC conversion in multiple cell battery
power systems. Continuous conduction allows the
regulator to maximize output current for a given inductor.
The maximum switching frequency can exceed 200kHz,
allowing the use of small, low cost inductors. The ML4769
is capable of start-up with input voltages as low as 1.8V.
The output voltage can be set anywhere between 3.0V
and 5.5V by an external resistor divider connected to the
SENSE pin.
An integrated synchronous rectifier eliminates the need
for an external Schottky diode and provides a lower
forward voltage drop, resulting in higher conversion
efficiency. In addition, low quiescent current and variable
frequency operation result in high efficiency even at light
loads. The ML4769 requires only a few external
components to build a very small regulator capable of
achieving conversion efficiencies approaching 85%.
The SHDN input allows the user to stop the regulator from
switching, and provides complete isolation of the load
* Some Packages Are Obsolete
from the battery.
BLOCK DIAGRAM
FEATURES
s
Guaranteed full load start-up and operation at
1.8V input
s
Continuous conduction mode for high output current
s
Pulse Frequency Modulation and internal synchronous
rectification for high efficiency
s
Isolates the load from the input during shutdown
s
Minimum external components
s
Low ON resistance internal switching FETs
s
Low supply current
s
Adjustable output voltage (3V to 5.5V)
VL2
5
VOUT
4
SENSE
6
+
–
SHUTDOWN
CONTROL
7
SHDN
VIN
2
2.57V
START-UP
3
GND
VL1
1
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
SHDN
+
–
+
–
8
PWR GND


Similar Part No. - ML4769

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4761CS MICRO-LINEAR-ML4761CS Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4761ES MICRO-LINEAR-ML4761ES Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4761IS MICRO-LINEAR-ML4761IS Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
More results

Similar Description - ML4769

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Impala Linear Corporati...
ILC6382 IMPALA-ILC6382 Datasheet
1Mb / 19P
1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
logo
Micro Linear Corporatio...
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
Medium Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
Adjustable Output, Low Current Single Cell Boost Regulator with Detect
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com