Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4770 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4770
Description  2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4770 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4770 Datasheet HTML 1Page - Micro Linear Corporation ML4770 Datasheet HTML 2Page - Micro Linear Corporation ML4770 Datasheet HTML 3Page - Micro Linear Corporation ML4770 Datasheet HTML 4Page - Micro Linear Corporation ML4770 Datasheet HTML 5Page - Micro Linear Corporation ML4770 Datasheet HTML 6Page - Micro Linear Corporation ML4770 Datasheet HTML 7Page - Micro Linear Corporation ML4770 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ML4770
4
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
IL
VL2
IL(MAX)
ISET
VOUT
0
0
Figure 1. Application Test Circuit
Figure 3. Inductor Current and Voltage Waveforms
Figure 2. PFM Regulator Block Diagram
VL2
5
VOUT
6
+
–
SHUTDOWN
CONTROL
7
SHDN
VIN
2
2.57V
START-UP
3
GND
VL1
1
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
SHDN
+
–
+
–
8
PWR GND
A1
A2
A3
Q1
Q2
Q3
VOUT
4
SENSE
COUT
R1
R2
IL
ISET
RSENSE
ML4770
IOUT
100µF
100µF
VIN
27µH
(Sumida CD75)
VL1
VIN
GND
SENSE
PWR GND
SHDN
VL2
VOUT
268k
Ω
259k
Ω
VIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com