Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP199 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 7/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
mA
VTRKL
Trickle
Charge
Threshold
Voltage
3.0
V
Δ
VRECHG
Recharge
Battery
Threshold
Voltage
Threshold
Voltage
Relative to VTARGET
-100
mV
TTIMER1
Charger
Safety
Timer
Termination Time
Trickle Mode
40
Min
TTIMER2
Charger
Safety
Timer
Termination Time
CC Mode
480
Min
IEND
End
of
Charge
Indication
Current Ratio
CV Mode
10%
15%
ICHRG
mA
Backup Battery
VTRGT
Backup Battery Charge Target
Voltage
2.5
3.0
3.1
V
ICHRG
Backup Battery Charge Current
50
200
400
uA
IBackup
Current
when
use
Backup
Battery
10
15
uA
NTC
Charge
2.112
VTL
Cold
Temperature
Fault
Threshold Voltage
Discharge
0
3.226
3.264
V
Charge
0.397
VTH
Hot Temperature Fault Threshold
Voltage
Discharge
0
0.282
3.264
V
VTE
NTC Disable Threshold Voltage
Falling Threshold
Hysteresis
0.2
V
Ideal Diode
Rds(on)
Internal
Ideal
Diode
On
Resistance(BAT to IPSOUT)
100
mΩ
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
Off Mode Current
IBATOFF
OFF Mode Current
BAT=3.8V
27
μA
ISUSPEND
USB VBUS suspend Mode
current
BAT=3.8V,
VBUS=5V,
N_VBUSEN=1
86
μA
Logic
VIL
Logic Low Input Voltage
0.3
V
VIH
Logic High Input Voltage
2
V
TWSI
VCC
Input Supply Voltage
3.3
V
ADDRESS
TWSI Address
0x68
fSCK
Clock Operating Frequency
400
1200
kHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com