Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4790CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4790CS
Description  Adjustable Output, Low Ripple Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4790CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4790CS Datasheet HTML 2Page - Micro Linear Corporation ML4790CS Datasheet HTML 3Page - Micro Linear Corporation ML4790CS Datasheet HTML 4Page - Micro Linear Corporation ML4790CS Datasheet HTML 5Page - Micro Linear Corporation ML4790CS Datasheet HTML 6Page - Micro Linear Corporation ML4790CS Datasheet HTML 7Page - Micro Linear Corporation ML4790CS Datasheet HTML 8Page - Micro Linear Corporation ML4790CS Datasheet HTML 9Page - Micro Linear Corporation ML4790CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ML4790
efficiency and maximum output current, and if a current
probe is available, look at the inductor current to see if it
looks like the waveform shown in Figure 5.
The DC resistance of the inductor should be kept to a
minimum to reduce losses. A good rule of thumb is to
allow 5 to 10m
Ω of resistance for each µH of inductance.
Also, be aware that the DC resistance of an inductor
usually isn‘t specified tightly, so an inductor with a
maximum DC resistance spec of 150m
Ω may actually
have 100m
Ω of resistance.
Suitable inductors can be purchased from the following
suppliers:
Coilcraft
(708) 639-6400
Coiltronics
(407) 241-7876
Dale
(605) 665-9301
Sumida
(708) 956-0666
BOOST CAPACITOR
The boost capacitor (C2) supplies current to the load
during the ON-time of Q1 and will limit the ripple the
LDO stage has to contend with. The ripple on C2 is
influenced by three capacitor parameters: capacitance,
ESL, and ESR. The contribution due to capacitance can be
determined by looking at the change in the capacitor
voltage required to store the energy delivered by the
inductor in a single charge-discharge cycle, as given by
the following formula:
C
TV
LV
V
V
in Farads
ON
IN
BOOST
OUT
IN
2
2
22
≥
×
××
×
∆
(–
)
()
(3)
For example, a 2.4V input, a 5V output, a 22
µH inductor,
and an allowance of 100mV of ripple on the boost
capacitor results in a minimum C2 value of 15
µF.
Figure 7. Typical Efficiency at maximum output current as a Function of VIN.
100
95
90
85
80
75
70
65
60
55
50
1.0
2.0
3.0
4.0
5.0
VIN (V)
VOUT = 5.5V
L = 10
µH
L = 22
µH
L = 47
µH
100
95
90
85
80
75
70
65
60
55
50
1.0
1.2
1.4
1.6
1.8
2.0
VOUT = 2.5V
VIN (V)
L = 10
µH
L = 22
µH
L = 47
µH
100
95
90
85
80
75
70
65
60
55
50
1.0
1.5
2.0
2.5
3.0
3.5
4.0
L = 22
µH
VOUT = 4.5V
VIN (V)
L = 10
µH
L = 47
µH
100
95
90
85
80
75
70
65
60
55
50
1.0
1.5
2.0
2.5
3.0
VIN (V)
VOUT = 3.5V
L = 10
µH
L = 47
µH
L = 22
µH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com