Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4804 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4804
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4804 Datasheet HTML 1Page - Micro Linear Corporation ML4804 Datasheet HTML 2Page - Micro Linear Corporation ML4804 Datasheet HTML 3Page - Micro Linear Corporation ML4804 Datasheet HTML 4Page - Micro Linear Corporation ML4804 Datasheet HTML 5Page - Micro Linear Corporation ML4804 Datasheet HTML 6Page - Micro Linear Corporation ML4804 Datasheet HTML 7Page - Micro Linear Corporation ML4804 Datasheet HTML 8Page - Micro Linear Corporation ML4804 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ML4804
5
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
Output Voltage
TA = 25°C, I(VREF) = 1mA
7.4
7.5
7.6
V
Line Regulation
11V < VCC < 16.5V
10
25
mV
Load Regulation
0mA < I(VREF) < 10mA;
10
20
mV
TA = 0ºC to 70ºC
0mA <I(VREF) <5mA:
10
20
mV
TA = –40ºC to 85ºC
Temperature Stability
0.4
%
Total Variation
Line, Load, Temp
7.35
7.65
V
Long Term Stability
TJ = 125°C, 1000 Hours
5
25
mV
PFC
Minimum Duty Cycle
VIEAO > 4.0V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
90
95
%
Output Low Voltage
IOUT = -20mA
0.4
0.8
V
IOUT = -100mA
0.7
2.0
V
IOUT = 10mA, VCC = 9V
0.4
0.8
V
Output High Voltage
IOUT = 20mA
VCC – 0.8V
V
IOUT = 100mA
VCC - 2V
V
Rise/Fall Time
CL = 1000pF
50
ns
PWM
Duty Cycle Range
0-44
0-47
0-49
%
Output Low Voltage
IOUT = -20mA
0.4
0.8
V
IOUT = -100mA
0.7
2.0
V
IOUT = 10mA, VCC = 9V
0.4
0.8
V
Output High Voltage
IOUT = 20mA
VCC – 0.8V
V
IOUT = 100mA
VCC - 2V
V
Rise/Fall Time
CL = 1000pF
50
ns
SUPPLY
Start-up Current
VCC = 12V, CL = 0
200
350
µA
Operating Current
14V, CL = 0
5.5
7
mA
Undervoltage Lockout Threshold
12.4
13
13.6
V
Undervoltage Lockout Hysteresis
(Note 4)
2.5
2.8
3.1
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Includes all bias currents to other circuits connected to the VFB pin.
Note 3: Gain = K x 5.3V; K = (IGAINMOD - IOFFSET) x [IAC (VEAO - 0.625)]-1; VEAOMAX=5V.
Note 4: UVLO Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com