Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4810 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4810
Description  High Frequency Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4810 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4810 Datasheet HTML 1Page - Micro Linear Corporation ML4810 Datasheet HTML 2Page - Micro Linear Corporation ML4810 Datasheet HTML 3Page - Micro Linear Corporation ML4810 Datasheet HTML 4Page - Micro Linear Corporation ML4810 Datasheet HTML 5Page - Micro Linear Corporation ML4810 Datasheet HTML 6Page - Micro Linear Corporation ML4810 Datasheet HTML 7Page - Micro Linear Corporation ML4810 Datasheet HTML 8Page - Micro Linear Corporation ML4810 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ML4810, ML4811
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage (Pins 18, 16) ...................................... 25V
Output Current, Source or Sink (Pins 14, 17)
DC ....................................................................... 0.5A
Pulse (0.5
µs) ......................................................... 2.0A
Analog Inputs
(Pins INV, NI, SOFT START) ....................... –0.3V to 7V
(Pins 9, 10, 11, 12, 20) .............................. –0.3V to 6V
Clock Output Current (Pins 5) ................................. –5mA
Error Amplifier Output Current (Pin 3) ...................... 5mA
Junction Temperature ............................................. 150
°C
Storage Temperature Range ..................... –65
°C to 150°C
Lead Temperature (Soldering 10 sec.) ..................... 260
°C
Thermal Resistance (
θJA)
Plastic DIP ....................................................... 65
°C/W
Plastic SOIC .................................................... 65
°C/W
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 15V, RT = 3.65kΩ, CT = 1000pF, TA = Operating Temperature Range. (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Initial Accuracy
TJ = 25°C
360
400
440
kHz
Voltage Stability
10V < VCC < 25V
0.2
4
%
Temperature Stability
5%
Total Variation
line, temperature
340
460
kHz
Clock Out High
3.9
4.5
V
Clock Out Low
2.3
2.9
V
Ramp Peak
2.8
V
Ramp Valley
1.0
V
Ramp Valley to Peak
1.6
2.3
V
Sync Input Threshold
0.8
1.0
1.4
V
Sync Input Current
SYNC = 4V
µA
REFERENCE
Output Voltage
TJ = 25°C, IO = 1mA
5.00
5.10
5.20
V
Line Regulation
10V < VCC < 25V
2
20
mV
Load Regulation
1mA < IO < 10mA
5
20
mV
Temperature Stability
0
°C < TJ < 150°C
0.2
0.4
%
Total Variation
line, load, temperature
4.95
5.25
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hrs
5
25
mV
Short Circuit Current
VREF = 0V
–15
–50
–100
mA
UNDERVOLTAGE LOCKOUT
Start Threshold
15
16
17
V
UVLO Hysteresis
6.5
7
7.5
V
ERROR AMPLIFIER
Input Offset Voltage
±20
mV
Input Bias Current
0.6
3
µA
Input Offset Current
0.1
1
µA
Open Loop Gain
1 < VO < 4V
60
96
dB
OPERATING CONDITIONS
Temperature Range
ML4810, ML4811 ...................................... 0
°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com