Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4818 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4818
Description  Phase Modulation/Soft Switching Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4818 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4818 Datasheet HTML 1Page - Micro Linear Corporation ML4818 Datasheet HTML 2Page - Micro Linear Corporation ML4818 Datasheet HTML 3Page - Micro Linear Corporation ML4818 Datasheet HTML 4Page - Micro Linear Corporation ML4818 Datasheet HTML 5Page - Micro Linear Corporation ML4818 Datasheet HTML 6Page - Micro Linear Corporation ML4818 Datasheet HTML 7Page - Micro Linear Corporation ML4818 Datasheet HTML 8Page - Micro Linear Corporation ML4818 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ML4818
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ........................................................................... 30V
Output Driver Current, Source or Sink
DC ....................................................................... 0.5A
Pulse (0.5
µs) ........................................................ 1.5A
Analog Inputs
(CT, RAMP, ILIM, E/A OUT, INV,
SOFT START, RCRESET) ............................... –0.3V to 6V
CLOCK Output Current (RT) ....................................–5mA
Error Amplifier Output Current (E/A OUT) ................ 5mA
SOFT START Sink Current ..................................... 50 mA
Oscillator Charging Current (CT) .............................–5mA
Junction Temperature ............................................. 150
°C
Storage Temperature Range ..................... –65
°C to 150°C
Lead Temperature (Soldering 10 Sec)...................... 260
°C
Thermal Resistance (
θJA)
Plastic Power DIP ............................................ 40
°C/W
Plastic SOIC ..................................................... 80
°C/W
OPERATING CONDITIONS
Operating Temperature Range ....................... 0
°C to 70°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 15V, RT = 12.7kΩ, CT = 250pF, RCLK = 3kΩ, RDELAY = 5kΩ,
TA = Operating Temperature Range (Note 1).
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
OSCILLATOR
Initial Accuracy
TA = 25°C
410
450
525
kHz
Voltage Stability
12V < VCC < 25V
–0.3
%/V
Temperature Stability
0.2
%
Total Variation
line, temp.
375
525
kHz
CT Discharge Current
VC
T = 2V
4.7
5.5
6.3
mA
Clock Out High
2.4
3.1
6
V
Clock Out Low
0
0.4
V
Ramp Peak
0
4.1
V
Ramp Valley
1.5
5
V
Ramp Valley to Peak
0
2.6
5
V
REFERENCE
Output Voltage
TA = 25°C, IO = 1mA
4.95
5.0
5.05
V
Line Regulation
12V < VCC < 25V
–20
2
20
mV
Load Regulation
1mA < IO < 10mA
–20
3
20
mV
Temperature Stability
.2
mV/
°C
Total Variation
4.85
5.15
V
Output Noise Voltage
10Hz to 10kHz
50
mV
Long Term Stability
TJ = 125°C, 1000 hrs
5
25
mV
Short Circuit Current
VREF = 0V
–20
–50
mA
ERROR AMPLIFIER
Input Offset Voltage
–40
30
mV
Input Bias Current
–3
0.6
3
µA
Input Offset Current
0.1
1
µA
Open Loop Gain
1 < VO < 4V
70
75
dB
PSRR
12 < VCC < 25V
65
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com