Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4823 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4823
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4823 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4823 Datasheet HTML 1Page - Micro Linear Corporation ML4823 Datasheet HTML 2Page - Micro Linear Corporation ML4823 Datasheet HTML 3Page - Micro Linear Corporation ML4823 Datasheet HTML 4Page - Micro Linear Corporation ML4823 Datasheet HTML 5Page - Micro Linear Corporation ML4823 Datasheet HTML 6Page - Micro Linear Corporation ML4823 Datasheet HTML 7Page - Micro Linear Corporation ML4823 Datasheet HTML 8Page - Micro Linear Corporation ML4823 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ML4823
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage (VC, VCC) .......................................... 30V
OUTPUT Current, Source or Sink
DC ....................................................................... 0.5A
Pulse (0.5
µs) ......................................................... 2.0A
Analog Inputs
(INV, NI, RAMP, SS, ILIM) .................. GND –0.3V to 6V
CLOCK OUTPUT Current ....................................... –5mA
F/A OUT Current ...................................................... 5mA
SOFT START Sink Current ...................................... 20mA
RT Charging Current ................................................–5mA
OPERATING CONDITIONS
Temperature Range
ML4823C .................................................. 0
°C to 70°C
ML4823I ................................................ –40
°C to 85°C
Junction Temperature ............................................. 125
°C
Storage Temperature Range ..................... –65
°C to 150°C
Lead Temperature (Soldering 10 sec.) ..................... 260
°C
Thermal Resistance (
θJA)
Plastic DIP ....................................................... 80
°C/W
Plastic SOIC .................................................. 105
°C/W
Plastic Chip Carrier (PLCC) .............................. 78
°C/W
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, RT = 3.65kΩ, CT = 1000pF, TA = Operating Temperature Range, VCC = 15V. (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Initial Accuracy
TJ = 25°C,
360
400
440
kHz
Voltage Stability
10V
≤ VCC ≤ 30V,
0.2
2
%
Temperature Stability
5%
Total Variation
Line, temp.
340
460
kHz
Clock Out High
3.9
4.5
V
Clock Out Low
2.3
2.9
V
Ramp Peak
2.6
2.8
3.0
V
Ramp Valley
0.7
1.0
1.25
V
Ramp Valley to Peak
1.6
1.8
2.0
V
REFERENCE
Output Voltage
TJ = 25°C, IO = 1mA
5.025
5.10
5.175
V
Line Regulation
10V
≤ VCC ≤ 30V
2
20
mV
Load Regulation
1mA
≤ IO ≤ 10mA
5
20
mV
Temperature Stability
–40
°C ≤ TJ ≤ 150°C,
0.2
0.4
%
Total Variation
Line, load, temp.
4.975
5.225
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hrs,
5
25
mV
Short Circuit Current
VREF = 0V
–15
–50
–100
mA
ERROR AMPLIFIER
Input Offset Voltage
±30
mV
Input Bias Current
0.6
3
µA
Input Offset Current
0.1
1
µA
Open Loop Gain
1
≤ VO ≤ 4V
50
95
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com