Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4827 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4827
Description  Fault-Protected PFC and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4827 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4827 Datasheet HTML 1Page - Micro Linear Corporation ML4827 Datasheet HTML 2Page - Micro Linear Corporation ML4827 Datasheet HTML 3Page - Micro Linear Corporation ML4827 Datasheet HTML 4Page - Micro Linear Corporation ML4827 Datasheet HTML 5Page - Micro Linear Corporation ML4827 Datasheet HTML 6Page - Micro Linear Corporation ML4827 Datasheet HTML 7Page - Micro Linear Corporation ML4827 Datasheet HTML 8Page - Micro Linear Corporation ML4827 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ML4827
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC Shunt Regulator Current .................................. 55mA
ISENSE Voltage ..................................................–3V to 5V
Voltage on Any Other Pin ... GND – 0.3V to VCCZ + 0.3V
IREF ............................................................................................ 20mA
IAC Input Current .................................................... 10mA
Peak PFC OUT Current, Source or Sink ................ 500mA
Peak PWM OUT Current, Source or Sink .............. 500mA
PFC OUT, PWM OUT Energy Per Cycle .................. 1.5µJ
Junction Temperature .............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
θJA)
Plastic DIP ....................................................... 80°C/W
Plastic SOIC .................................................. 105°C/W
OPERATING CONDITIONS
Temperature Range
ML4827CX ................................................. 0°C to 70°C
ML4827IX .............................................. –40°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, ICC = 25mA, RT = 21.8kΩ, CT = 1000pF, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE ERROR AMPLIFIER
Input Voltage Range
0
7
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
50
85
120
µ
Feedback Reference Voltage
2.48
2.55
2.62
V
Input Bias Current
Note 2
–1
–2
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.6
1.0
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–40
–80
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
80
µA
Open Loop Gain
60
75
dB
Power Supply Rejection Ratio
VCCZ - 3V < VCC < VCCZ - 0.5V
60
75
dB
CURRENT ERROR AMPLIFIER
Input Voltage Range
–1.5
2
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
130
195
310
µ
Input Offset Voltage
2
10
17
mV
Input Bias Current
–0.5
–1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.6
1.0
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–40
–90
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
90
µA
Open Loop Gain
60
75
dB
Power Supply Rejection Ratio
VCCZ - 3V < VCC < VCCZ - 0.5V
60
75
dB
OVP COMPARATOR
Threshold Voltage
2.6
2.7
2.8
V
Hysteresis
80
115
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com