Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4830 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4830
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4830 Datasheet HTML 1Page - Micro Linear Corporation ML4830 Datasheet HTML 2Page - Micro Linear Corporation ML4830 Datasheet HTML 3Page - Micro Linear Corporation ML4830 Datasheet HTML 4Page - Micro Linear Corporation ML4830 Datasheet HTML 5Page - Micro Linear Corporation ML4830 Datasheet HTML 6Page - Micro Linear Corporation ML4830 Datasheet HTML 7Page - Micro Linear Corporation ML4830 Datasheet HTML 8Page - Micro Linear Corporation ML4830 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ML4830
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, R(SET) = 26k
W, R(T) = 52.3kW, C(T) = 470pF, TJ = Junction Operating Temperature Range,
ICC = 25mA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Amplifiers (Pins 1, 2, 5, 6, 19, 20)
Input Offset Voltage
±3.0
±10.0
mV
Input Bias Current
–0.3
–1.0
µA
Open Loop Gain
65
90
dB
PSRR
VCCZ – 3V < VCC < VCCZ – 0.5V
70
100
dB
Output Low
0
0.5
V
Output High
7.2
7.5
V
Source Current
VOUT = 7V
–4
–7
mA
Sink Current
VOUT = 1.5V
5
10
mA
VOUT = 0.2V
10
µA
Slew Rate
1.5
V/µs
Unity Gain Bandwidth
3.0
MHz
Gain Modulator
Output Voltage (Note 1)
ISINE = 100µA, VPIN20 = 3V
80
mV
ISINE = 300µA, VPIN20 = 3V
255
mV
ISINE =100µA, VPIN20 = 6V
220
mV
ISINE = 300µA, VPIN20 = 6V
660
mV
Output Voltage Limit
ISINE = 600µA, VPIN19 = 0V
0.88
V
Offset Voltage
ISINE = 0, VPIN19 = 0V
15
mV
ISINE = 150µA, VPIN19 = 8V
15
mV
I(SINE) Input Voltage
ISINE = 200µA
0.8
1.4
1.8
V
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ............................................... 75mA
Output Current, Source or Sink (Pins 14)
DC ................................................................... 250mA
Output Energy (capacitive load per cycle).............. 1.5 mJ
Gain Modulator I(SINE) Input (Pin 3) ..................... 10 mA
Amplifier Source Current (Pin 6, 20) ...................... 50 mA
Analog Inputs (Pins 1, 5, 10, 11, 19) .... –0.3V to VCC –2V
Pin 4 input voltage ........................................... –3V to 5V
Junction Temperature ............................................ 150°C
Storage Temperature Range ................... –65°C to +150°C
Lead Temperature (Soldering 10 Sec.) .................. +260°C
Thermal Resistance (
qJA)
Plastic DIP–P ................................................... 65°C/W
Plastic SOIC ..................................................... 80°C/W
OPERATING CONDITIONS
Temperature Range
ML4830C .................................................. 0°C to 85°C
Note 1: Measured at Pin 1 with Pins 1 and 2 shorted together and Pin 4 at GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com