Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4836 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4836
Description  Compact Fluorescent Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4836 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4836 Datasheet HTML 1Page - Micro Linear Corporation ML4836 Datasheet HTML 2Page - Micro Linear Corporation ML4836 Datasheet HTML 3Page - Micro Linear Corporation ML4836 Datasheet HTML 4Page - Micro Linear Corporation ML4836 Datasheet HTML 5Page - Micro Linear Corporation ML4836 Datasheet HTML 6Page - Micro Linear Corporation ML4836 Datasheet HTML 7Page - Micro Linear Corporation ML4836 Datasheet HTML 8Page - Micro Linear Corporation ML4836 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ML4836
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
REF
Buffered output for the 7.5V reference
2
LAMP FB
Inverting input of the lamp error
amplifier, used to sense and regulate
lamp arc current. Also the input node
for dimmable control.
3
LEAO
Output of the lamp current error
transconductance amplifier used for
lamp current loop compensation
4RSET
External resistor which SETS oscillator
FMAX, and RX/CX charging current
5RT2
Oscillator timing component to set
start frequency
6RT/CT
Oscillator timing components
PIN
NAME
FUNCTION
7
INTERRUPT Input used for lamp-out detection and
restart. A voltage less than 1V will reset
the IC and cause a restart after a
programmable interval.
8RX/CX
Sets the timing for preheat and
interrupt.
9
PWDET
Lamp output power detection
10
AGND
Analog ground
11
PGND
Power ground.
12
OUT B
Ballast MOSFET driver output
13
OUT A
Ballast MOSFET driver output
14
VCC
Positive supply voltage
ML4836
14-Pin SOIC (S14)
14-Pin DIP (P14)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
REF
LAMP FB
LEAO
RSET
RT2
RT/CT
INTERRUPT
VCC
OUTA
OUT B
PGND
AGND
PWDET
RX/CX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com