Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4863 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4863
Description  High Efficiency Flyback Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4863 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4863 Datasheet HTML 1Page - Micro Linear Corporation ML4863 Datasheet HTML 2Page - Micro Linear Corporation ML4863 Datasheet HTML 3Page - Micro Linear Corporation ML4863 Datasheet HTML 4Page - Micro Linear Corporation ML4863 Datasheet HTML 5Page - Micro Linear Corporation ML4863 Datasheet HTML 6Page - Micro Linear Corporation ML4863 Datasheet HTML 7Page - Micro Linear Corporation ML4863 Datasheet HTML 8Page - Micro Linear Corporation ML4863 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ML4863
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
IFB
VFB Quiescent Current
100
150
µA
IIN
VIN Shutdown Current
SHDN = 5V
20
25
µA
SHDN = 5V, VIN < 6V
5
10
µA
VCC
VCC Output Voltage
VFB = 0V, VIN = 15V, CVCC = 0.1µF
4.5
5.5
V
VFB = 0V, VIN = 6V, CVCC = 0.1µF
4.0
5.0
V
VFB = 0V, VIN = 3.15V, CVCC = 0.1µF
2.8
V
VFB = 5V
4.5
5
5.15
V
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com