Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4871 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4871
Description  High Current Boost Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4871 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4871 Datasheet HTML 1Page - Micro Linear Corporation ML4871 Datasheet HTML 2Page - Micro Linear Corporation ML4871 Datasheet HTML 3Page - Micro Linear Corporation ML4871 Datasheet HTML 4Page - Micro Linear Corporation ML4871 Datasheet HTML 5Page - Micro Linear Corporation ML4871 Datasheet HTML 6Page - Micro Linear Corporation ML4871 Datasheet HTML 7Page - Micro Linear Corporation ML4871 Datasheet HTML 8Page - Micro Linear Corporation ML4871 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GENERAL DESCRIPTION
The ML4871 is a continuous conduction boost regulator
designed for DC to DC conversion in multiple cell battery
powered systems. Continuous conduction allows the
regulator to maximize output current for a given inductor.
The maximum switching frequency can exceed 200kHz,
allowing the use of small, low cost inductors. The ML4871
is capable of start-up with input voltages as low as 1.8V
and is available in 5V and 3.3V output versions with an
output voltage accuracy of ±3%.
An integrated synchronous rectifier eliminates the need for
an external Schottky diode and provides a lower forward
voltage drop, resulting in higher conversion efficiency. In
addition, low quiescent battery current and variable
frequency operation result in high efficiency even at light
loads. The ML4871 requires only one inductor and two
capacitors to build a very small regulator circuit capable
of achieving conversion efficiencies approaching 90%.
The circuit also contains a RESET output which goes low
when the DETECT input drops below 1.25V.
BLOCK DIAGRAM
July 2000
ML4871
High Current Boost Regulator
1
FEATURES
s
Guaranteed full load start-up and operation
at 1.8V Input
s
Continuous conduction mode for high output current
s
Very low supply current (20µA output referenced) for
Micropower operation
s
Pulse Frequency Modulation and Internal Synchronous
Rectification for high efficiency
s
Maximum switching frequency > 200kHz
s
Minimum external components
s
Low ON resistance internal switching FETs
s
5V and 3.3V output versions
VL2
5
VOUT
6
+
–
VIN
2
1.25V
START-UP
3
GND
VL1
1
DETECT
4
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
+
–
+
–
8
PWR GND
RESET
VREF
+
–
COMP
7
FEATURING
Extended Commercial
Temperature
Range
-20˚C to 70˚C
for Portable
Handheld
Equipment


Similar Part No. - ML4871

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
More results

Similar Description - ML4871

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
High Voltage High Current Boost Regulator
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Renesas Technology Corp
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com