Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4872 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4872
Description  High Current Boost Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4872 Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML4872 Datasheet HTML 1Page - Micro Linear Corporation ML4872 Datasheet HTML 2Page - Micro Linear Corporation ML4872 Datasheet HTML 3Page - Micro Linear Corporation ML4872 Datasheet HTML 4Page - Micro Linear Corporation ML4872 Datasheet HTML 5Page - Micro Linear Corporation ML4872 Datasheet HTML 6Page - Micro Linear Corporation ML4872 Datasheet HTML 7Page - Micro Linear Corporation ML4872 Datasheet HTML 8Page - Micro Linear Corporation ML4872 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
ML4872
INPUT CAPACITOR
Due to the high input current drawn at startup and
possibly during operation, it is recommended to decouple
the input with a capacitor with a value of 47µF to 100µF.
This filtering prevents the input ripple from affecting the
ML4872 control circuitry, and also improves the
efficiency by reducing the I squared R losses during the
charge cycle of the inductor. Again, a low ESR capacitor
(such as tantalum) is recommended.
It is also recommended that low source impedance
batteries be used. Otherwise, the voltage drop across the
source impedance during high input current situations will
cause the ML4872 to fail to start-up or to operate
unreliably. In general, for two cell applications the source
impedance should be less than 200m
W, which means that
small alkaline cells should be avoided.
LAYOUT
Good layout practices will ensure the proper operation of
the ML4872. Some layout guidelines follow:
• Use adequate ground and power traces or planes
• Keep components as close as possible to the ML4872
• Use short trace lengths from the inductor to the VL1 and
VL2 pins and from the output capacitor to the VOUT pin
• Use a single point ground for the ML4872 ground pin,
and the input and output capacitors
• Separate the ground for the converter circuitry from the
ground of the load circuitry and connect at a single
point
A sample layout is shown in Figure 7.
Figure 7. Sample PC Board Layout
DESIGN CONSIDERATIONS (Continued)
DESIGN EXAMPLE
In order to design a boost converter using the ML4872, it
is necessary to define a few parameters. For this example,
assume that VIN = 3.0V to 3.6V, VOUT = 5.0V, and
IOUT(MAX) = 500mA.
First, it must be determined whether the ML4871 is
capable of delivering the output current. This is done
using Equation 1:
I
V
V
AA
OUT MAX
()
.
.
.
..
=™ 
  ™=
125
30
50
07
0 53
Next, select an inductor. As previously mentioned, the
recommended inductance is 10µH. Make sure that the
peak current rating of the inductor is at least 1.5A, and
that the DC resistance of the inductor is in the range of 50
to 100m
W.
Finally, the value of the output capacitor is determined
using Equation 2:
C
H
V
F
OUT =
™
=
44 10
50
88
m
m
.
The closest standard value would be a 100µF capacitor
with an ESR rating of 100m
W. If such a low ESR value
cannot be found, two 47µF capacitors in parallel could
also be used.
The complete circuit is shown in Figure 8. As mentioned
previously, the use of an input supply bypass capacitor is
highly recommended.
Figure 8. Typical Application Circuit
ML4872
VOUT
100µF
100µF
VIN
10µH
(Sumida CD75)
VL1
VIN
GND
SHDN
PWR GND
NC
VL2
VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com