Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4880 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4880
Description  Portable PC/PCMCIA Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4880 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4880 Datasheet HTML 1Page - Micro Linear Corporation ML4880 Datasheet HTML 2Page - Micro Linear Corporation ML4880 Datasheet HTML 3Page - Micro Linear Corporation ML4880 Datasheet HTML 4Page - Micro Linear Corporation ML4880 Datasheet HTML 5Page - Micro Linear Corporation ML4880 Datasheet HTML 6Page - Micro Linear Corporation ML4880 Datasheet HTML 7Page - Micro Linear Corporation ML4880 Datasheet HTML 8Page - Micro Linear Corporation ML4880 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ML4880
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond
which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
VIN ............................................................................................... 20V
Peak Driver Output Current ........................................ 2A
VFB Voltage ......................................... GND – 0.3V to 6V
ISENSE Voltage ..................................................... ±500mV
All Other Analog Inputs ......... GND – 0.3V to VIN + 0.3V
All Digital Inputs .................. GND – 0.3V to VREG + 0.3V
Junction Temperature ............................................. 150
°C
Storage Temperature Range .................... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 150
°C
Thermal Resistance (
θJA)...................................... 80°C/W
OPERATING CONDITIONS
VIN Range ..................................................... 5.5V to 18V
Temperature Range
ML4880CS ................................................ 0
°C to 70°C
ML4880ES ............................................. –20
°C to 70°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = 14V, C(VREG) = 10µF, TA = Operating Temperature Range (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown Inputs
Input Low Voltage
0.8
V
Input High Voltage
2.0
V
Input Bias Current
–1
1
µA
Buck Regulator A
Duty Cycle Ratio
VIN = 5.5V, ISENSE A = VFB A = 0V
86
96
%
VFB A Threshold Voltage
1.21
1.25
1.29
V
ISENSE A Threshold Voltage
–140
–200
–250
mV
Transition Time
CL = 1000pF, 0 to VREG
80
100
ns
Buck Regulator B
Duty Cycle Ratio
VIN = 5.5V, ISENSE B = VFB B = 0V
92
98
%
VFB B Threshold Voltage
1.21
1.25
1.29
V
ISENSE B Threshold Voltage
–140
–200
–250
mV
Transition Time
CL = 1000pF, 0 to VREG
80
100
ns
Flyback Regulator C
Duty Cycle Ratio
VIN = 5.5V, ISENSEC = VFBC = 0V
86
94
%
VIN = 18V, ISENSEC = VFBC = 0V
61
77
%
VFB C Threshold Voltage
1.21
1.25
1.29
V
ISENSE C Threshold Voltage
–140
–200
–250
mV
Transition Time
CL = 1000pF, 0 to VREG
80
100
ns
Supply
Linear Regulator Output Voltage
7V
≤ VIN ≤ 18V
6.25
6.99
V
Linear Regulator Load Regulation
I(VREG) = 0 to 10mA
6.10
6.99
V
VIN Current
SHDN A/B/C = 5V
300
350
µA
SHDN A/B/C = 0V
350
400
µA
Note 1:
Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com