Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYR79 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BYR79
Description  ULTRA FAST-RECOVERY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BYR79 Datasheet(HTML) 2 Page - Unisonic Technologies

  BYR79 Datasheet HTML 1Page - Unisonic Technologies BYR79 Datasheet HTML 2Page - Unisonic Technologies BYR79 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYR79
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-028.d
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
600
V
Crest Working Reverse Voltage
VRWM
600
V
Continuous Reverse Voltage
VR
600
V
Average Forward Current
IF(AV)
Square waveform;
δ=0.5; Tmb≦108°C
15
A
Repetitive Peak Forward Current
IFRM
t=25μs; square waveform;
δ =0.5; Tmb≦108°C
30
A
t=10ms;sinusoidal waveform
130
A
Non-Repetitive Peak Forward
Current.
IFSM
t=8.3ms;sinusoidal waveform
143
A
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
K/W
Junction to Tab
θJB
2.0
K/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF =15A, TJ =150°C
1.0
1.2
V
Forward Voltage
VF
IF =15A, TJ =25°C
1.17 1.38
V
VR=600V,
5
50
µA
Reverse Current
IR
VR=600V, TJ=100°C
0.2
0.8
mA
Reverse Recovery Charge
Qr
IF =2A to VR ≥30V, dIF/dt =20A/μs, TJ=25°C
40
70
nC
Reverse Recovery Time
tRR
IF=10A to VR ≥30V, dIF/dt=100A/μs, TJ=25°C
50
60
ns
Note: Measured under pulse conditions to avoid excessive dissipation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com