Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4890CS-5 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4890CS-5
Description  High Efficiency, Low Ripple Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4890CS-5 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4890CS-5 Datasheet HTML 4Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 5Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 6Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 7Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 8Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 9Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 10Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 11Page - Micro Linear Corporation ML4890CS-5 Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ML4890
TABLE 1. MAXIMUM OUTPUT CURRENT AND EFFICIENCY (continued)
VIN
IOUT (mA)
EFFICIENCY PERCENTAGE
L = 10µH
1.0
13.6
67.9
1.5
42.7
77.2
2.0
82.2
78.1
L = 15µH
1.0
9.3
69.6
1.5
31.7
80.9
2.0
60.6
81.6
2.5
95.7
80.5
3.0
137.9
79.4
L = 22µH
1.0
7.4
73.6
1.5
23.1
83.6
2.0
46.1
84.6
2.5
73.9
84.0
3.0
108.9
83.0
3.5
145.1
82.4
4.0
184.5
81.3
4.5
200.0
80.1
L = 33µH
1.0
6.0
76.9
1.5
18.3
85.8
2.0
34.2
86.8
2.5
57.0
86.6
3.0
82.3
86.2
3.5
106.0
85.3
4.0
137.1
84.6
4.5
169.3
84.0
L = 47µH
1.0
1.5
14.2
87.2
2.0
25.7
88.3
2.5
41.4
88.3
3.0
59.4
88.0
3.5
82.9
87.3
4.0
105.5
86.6
4.5
131.3
86.2
L = 68µH
1.0
1.5
2.0
17.9
88.9
2.5
31.7
89.8
3.0
46.2
89.7
3.5
63.2
89.6
4.0
82.5
89.2
4.5
99.7
88.0
ML4890-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com