Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4895ES Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4895ES
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4895ES Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4895ES Datasheet HTML 1Page - Micro Linear Corporation ML4895ES Datasheet HTML 2Page - Micro Linear Corporation ML4895ES Datasheet HTML 3Page - Micro Linear Corporation ML4895ES Datasheet HTML 4Page - Micro Linear Corporation ML4895ES Datasheet HTML 5Page - Micro Linear Corporation ML4895ES Datasheet HTML 6Page - Micro Linear Corporation ML4895ES Datasheet HTML 7Page - Micro Linear Corporation ML4895ES Datasheet HTML 8Page - Micro Linear Corporation ML4895ES Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 1996
PRELIMINARY
ML4895
Synchronous Buck Controller
1
FEATURING
Extended
Commercial
Temperature
Range
-20˚C to 70˚C
for Portable
Handheld
Equipment
BLOCK DIAGRAM
FEATURES
s
Regulation to ±3% maximum
s
Adjustable output synchronous buck (2.5V to 4V)
s
Wide input voltage range (5.9V to 15V)
s
Power conversion efficiencies of >90% over 3 decades
of output current
s
Integrated antishoot-through logic
s
Shutdown control provides load isolation and
minimum sleep mode power consumption
s
Low shutdown current
P DRV
N DRV
VOUT
2.5V - 4V
+
–
ISENSE
VFB
8
1
FROM SYSTEM
POWER
MANAGEMENT
GND
VREG
VIN
BIAS
CIRCUITS
SHDN
5
7
6
3
2
VIN
5.9V - 15V
4
SLEEP
LOGIC
GENERAL DESCRIPTION
The ML4895 synchronous buck controller has been
designed to provide high efficiency DC/DC conversion for
portable products. The ML4895 can deliver a user
programmable 2.5V to 4V output from input voltages of
5.9V to 15V.
The ML4895 drives external P- and N-channel MOSFETs
in a synchronous buck topology, allowing an overall
conversion efficiency of greater than 90% over an output
current range exceeding three decades, with an output
current capability of up to 5A.
The regulator can be disabled via the SHDN pin. While
disabled, the output of the regulator is completely
isolated from the circuit’s input supply, and the supply
current is reduced to less than 5µA to help extend battery
life.


Similar Part No. - ML4895ES

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
ML4890CS-3 MICRO-LINEAR-ML4890CS-3 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
ML4890CS-5 MICRO-LINEAR-ML4890CS-5 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
ML4890CS-T MICRO-LINEAR-ML4890CS-T Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
ML4890ES-3 MICRO-LINEAR-ML4890ES-3 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
More results

Similar Description - ML4895ES

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
Synchronous Buck Controller
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com