Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4902 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4902
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4902 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4902 Datasheet HTML 4Page - Micro Linear Corporation ML4902 Datasheet HTML 5Page - Micro Linear Corporation ML4902 Datasheet HTML 6Page - Micro Linear Corporation ML4902 Datasheet HTML 7Page - Micro Linear Corporation ML4902 Datasheet HTML 8Page - Micro Linear Corporation ML4902 Datasheet HTML 9Page - Micro Linear Corporation ML4902 Datasheet HTML 10Page - Micro Linear Corporation ML4902 Datasheet HTML 11Page - Micro Linear Corporation ML4902 Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ML4902
8
Figure 3. Connecting a Sense Resistor to the ML4902
Figure 2a. Output Transient Response of Figure 1 Circuit,
IOUT from 0A to 14A
(Channel 1 = VOUT, Channel 2 = IOUT).
Figure 2b. Output Transient Response of Figure 1 Circuit,
IOUT from 14A to 0A
(Channel 1 = VOUT, Channel 2 = IOUT).
RSENSE
6m
Ω
1W
5VIN
L2
1.4µH
Q1, Q2
2X IRF7413
Q3, Q4
2X IRF7413
U1
ML4902
OUTPUT
CAPACITORS
INPUT
CAPACITORS
VCCP
VSS
20
19
18
17
16
15
14
13
12
11
PROTECT
VDD
VCC
N DRV H
N DRV L
PWR GND
N/C
COMP
ISENSE
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com