Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

804-026 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 804-026
Description  Push-Pull High-Speed Mighty Mouse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-026 Datasheet(HTML) 1 Page - Glenair, Inc.

  804-026 Datasheet HTML 1Page - Glenair, Inc. 804-026 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Q-4
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
Q
Quick Disconnect These plugs snap
securely into receptacle housings and
release with a simple pull.
Two Keying Styles A single master
key provides fast mating in low-light
situations, or specify three keys for
more polarizing options.
Two Shell Styles Integral platform
for direct shield attachment using the
Band-Master™ ATS termination system,
or an accessory thread for attaching a
strain relief.
Series 804 Push-Pull High-Speed Mighty Mouse
Quick-Disconnect Plug Connector
with #23 Crimp Rear Release Contacts
804-026 and 804-027 Ordering Information
How To Order
Sample Part Number
804-026
-07
M
6-7
P
A
Series (See Table I)
804-026 = With Banding Platform
804-027 = With Sccessory Thread
Shell Style
-06 = Plug
Shell Material and Finish
M = Aluminum / Electroless Nickel RoHS Compliant
NF = Aluminum / Cadmium with Olive Drab Chromate
ZN = Aluminum / Zinc-Nickel with Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with Black Chromate
Z1 = Stainless Steel / Passivated RoHS Compliant
Shell Size - Insert
Arrangement (See Table Ii)
6-4, 6-7, 7-10, 9-19, 10-26
Contact Type
Connector supplied
Connector supplied
Connector Supplied
with contacts
without contacts
with 30 AWG Crimp Barrel
P = Pin
A = Pin Connector
G = Pin
S = Socket
B = Socket Connector
H = Socket
Shell Key Positions
(See Table III)
A = Normal B = Pos. B C = Pos. C D = Pos. D E = Pos. F F = Pos. F
Table I: Series
804-026
Plug with Banding
Platform
804-027
Plug with Accessory
Thread
Table II: Shell Size – Insert Arrangement
2
1
3
4
2
1
7
3
4
5
6
2
1
3
8
9
10
4
7
2
1
3
4
8
19 18
13
17
12
16
7
2
4
9
12
16
21
24
26
25
23
18
15
11
1
6
3
6-4
6-7
7-10
9-19
10-26


Similar Part No. - 804-026

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-028 GLENAIR-804-028 Datasheet
255Kb / 1P
Push-Pull High-Speed Mighty Mouse
More results

Similar Description - 804-026

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-073 GLENAIR-804-073 Datasheet
230Kb / 1P
Mighty Mouse High-Speed Push-Pull Connector
804-074 GLENAIR-804-074 Datasheet
229Kb / 1P
Push-Pull Mighty Mouse High-Speed Connector
804-075 GLENAIR-804-075 Datasheet
233Kb / 1P
Push-Pull Mighty Mouse High-Speed Connector
804-076 GLENAIR-804-076 Datasheet
174Kb / 1P
Mighty Mouse Push-Pull High-Speed Connector
804-001 GLENAIR-804-001 Datasheet
144Kb / 1P
Push-Pull Mighty Mouse
804-001-06 GLENAIR-804-001-06 Datasheet
190Kb / 1P
Push-Pull Mighty Mouse
804-028 GLENAIR-804-028 Datasheet
255Kb / 1P
Push-Pull High-Speed Mighty Mouse
804-030 GLENAIR-804-030 Datasheet
415Kb / 2P
Push-Pull High-Speed Mighty Mouse
804-067-07 GLENAIR-804-067-07 Datasheet
140Kb / 1P
Push-Pull Mighty Mouse
809-083 GLENAIR-809-083 Datasheet
432Kb / 3P
Push-Pull Mighty Mouse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com