Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6401 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6401
Description  8-Bit 20 MSPS A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6401 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6401 Datasheet HTML 1Page - Micro Linear Corporation ML6401 Datasheet HTML 2Page - Micro Linear Corporation ML6401 Datasheet HTML 3Page - Micro Linear Corporation ML6401 Datasheet HTML 4Page - Micro Linear Corporation ML6401 Datasheet HTML 5Page - Micro Linear Corporation ML6401 Datasheet HTML 6Page - Micro Linear Corporation ML6401 Datasheet HTML 7Page - Micro Linear Corporation ML6401 Datasheet HTML 8Page - Micro Linear Corporation ML6401 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ML6401
FUNCTIONAL DESCRIPTION
INTRODUCTION
The Micro Linear ML6401 is a single-chip video A/D
converter IC which is intended for analog to digital
conversion of 2Vp-p signals at rates up to 20MSPS.
Incorporating both bias and clock generation, it forms a
complete solution for data conversion. The operating
power dissipation is typically less than 200mW. The IC is
designed to offer low power dissipation and a high level
of integration resulting in an optimized solution. The IC
consists of an input track and hold, a three stage pipelined
A/D converter, digital error correction circuitry, internal
dual non-overlapping clock generator, and internal
voltage reference.
INPUT TRACK AND HOLD
The input track and hold consists of a differential
capacitor feedback amplifier. The input capacitance,
including pin protection and transmission gate, is 4pF.
The input to the track and hold can be driven differentially,
or single-ended. Single-ended operation uses an internal
or external reference to bias the negative input. The full
scale range can be set externally, or supplied from an
internal source. The track and hold samples the input
signal during the positive half cycle of the input clock,
and holds the last value of VIN during the negative half
cycle of the input clock. The settling time of the amplifier
is less than 20ns.
8
7
6
123456789
10
FREQUENCY
Typical Effective Bits versus Input Signal Frequency.
A/D CONVERTER
The A/D conversion is performed via a three stage
pipelined architecture. The first two stages quantize their
input signal to three bits, then subtract the result from the
input and amplify the difference by a factor of four. This
creates a residue signal which spans the full scale range of
the following converter. The subtraction and amplification
is performed via a differential capacitor feedback
amplifier, similar to the input track and hold. The third
stage quantizes the signal to four bits. One bit from each
of the last two stages is used for error correction.
The first stage A/D performs the conversion at the end of
the track and hold period, approximately one-half cycle
after the input was sampled. The second stage A/D
performs the conversion one half cycle later, after the
subtraction/amplification of the first stage has settled. The
third stage A/D performs the conversion after another one-
half cycle delay, when the second stage has settled. Error
correction is then performed, and, one clock cycle later,
data is transferred to the output latch. This permits the
data to be read 3 clocks after the sample was taken.
This technique results in lower input capacitance, lower
harmonic distortion, and higher signal to noise ratios than
the classical two step parallel technique, providing a
greater number of effective bits.
CLOCK GENERATION
The ML6401 typically requires an input clock that if
running at 20MHz would have a low time of 25ns, and a
high time of 25ns. This input is applied to a clock
generation circuit which creates the two non-overlapping
clock signals required by the feedback amplifiers.
Pipeline delay is the number of clock cycles between
conversion initiation and the associated output data being
made available. New output data is provided every clock
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com