Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

809-083 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-083
Description  Push-Pull Mighty Mouse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-083 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-083 Datasheet HTML 1Page - Glenair, Inc. 809-083 Datasheet HTML 2Page - Glenair, Inc. 809-083 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-65
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Series 804 Push-Pull Mighty Mouse
Rubber Covers
809-083 and 809-087 Dimensions
Splash proof Molded Rubber Covers
fit all Series 804 plugs and receptacles.
Braided black nylon lanyard is available
with metal rings, cable tie or slipknot
for attachment to panel or to cable.
809-083 Plug Cover
809-087 Receptacle Cover
How To Order
Sample Part Number
809-083
-05
G
6
-SK
C
Series (See Table I)
809-083 = Plug Cover
809-087 = Receptacle Cover
Shell Size
-05, -06, -07, -08, -09, -10, -11, -12,
-14, -15
Attachment Type
-G = Nylon Rope
Omit = No Lanyard
Attachment Length (inches)
Length in Inches
Attachment Code
(See Table II)
-WS = Nylon Cable Tie
-SK = Slip Knot
-SCS = Slip/Crimp Sleeve
-00 = Lanyard with no Attachment
Lug Terminal = -01 thru -06
Solid Ring = -14 thru -33
Conductive Rubber
Omit for Standard Neoprene
C = Conductive Rubber
Table I: Series Style
809-083
Push-Pull Receptacle
Cover
809-087
Push-Pull Receptacle
Cover
Table II: Attachment Code
-WS
Nylon Cable Tie, 1.77 Inch (45mm) Maximum
Wire Bundle Diameter
-SK
Slip Knot
-00
Lanyard With No Attachment (Fused End)
Lug Terminals and Rings
Lug Terminal
-01 – .126 (3.20) I.D.
-02 – .145 (3.68) I.D.
-05 – .188 (4.78) I.D.
-06 – .197 (5.00) I.D.
Solid Ring
-32 – .265 (6.73) I.D.
-29 – .315 (8.00) I.D.
-14 – .385 (9.78) I.D.
-15 – .445 (11.30) I.D.
-33 – .510 (12.95) I.D.
-16 – .570 (14.48) I.D.
-17 – .635 (16.13) I.D.
-18 – .695 (17.65) I.D.
-27 – .766 (19.46) I.D.
-31 – .820 (20.83) I.D.
-19 – .885 (22.48) I.D.
-26 – .950 (24.13) I.D.
-28 – 1.015 (25.75) I.D.
-20 – 1.070 (27.18) I.D.


Similar Part No. - 809-083

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-001 GLENAIR-809-001 Datasheet
322Kb / 7P
Contacts and Tools Crimp Contacts
809-001 GLENAIR-809-001 Datasheet
137Kb / 1P
Electrical Pin Contact
809-002 GLENAIR-809-002 Datasheet
322Kb / 7P
Contacts and Tools Crimp Contacts
809-002 GLENAIR-809-002 Datasheet
131Kb / 1P
Electrical Socket Contact
logo
Dialight Corporation
809-0331-500 DIALIGHT-809-0331-500 Datasheet
792Kb / 3P
PRESS-TO-TEST INDICATORS
More results

Similar Description - 809-083

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-001 GLENAIR-804-001 Datasheet
144Kb / 1P
Push-Pull Mighty Mouse
804-001-06 GLENAIR-804-001-06 Datasheet
190Kb / 1P
Push-Pull Mighty Mouse
804-005-00 GLENAIR-804-005-00 Datasheet
194Kb / 1P
Push-Pull Mighty Mouse Connector
804-005-07 GLENAIR-804-005-07 Datasheet
191Kb / 1P
Push-Pull Mighty Mouse Connector
804-006-00 GLENAIR-804-006-00 Datasheet
195Kb / 1P
Push-Pull Mighty Mouse Connector
804-006-07 GLENAIR-804-006-07 Datasheet
191Kb / 1P
Push-Pull Mighty Mouse
804-030 GLENAIR-804-030 Datasheet
415Kb / 2P
Push-Pull High-Speed Mighty Mouse
804-066-06 GLENAIR-804-066-06 Datasheet
149Kb / 1P
Push-Pull Mighty Mouse Cobra
804-067-07 GLENAIR-804-067-07 Datasheet
140Kb / 1P
Push-Pull Mighty Mouse
809-198 GLENAIR-809-198 Datasheet
194Kb / 1P
Push-Pull Mighty Mouse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com