Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

809-199 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-199
Description  Mounting Flange with Standard or Metric Threads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-199 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-199 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-18
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Nut, Self-locking, Clinch
NASM45938 Type
C Dia
B
A
D
A
B
.040 (1.02)
±.005 (0.13)
Dimensions
Dash
No
800
shell
Size
801
Shell
Size
802
Shell
Size
805
Shell
Size
A ± .005
B ±.010
C ±.010
D ±.010
809-199
Thread
Size
809-303
Thread
Size
in
mm
in
mm
in
mm
in
mm
1
5
.500 12.70
.780 19.81
.400 10.16
.220
5.59
4-40
M3 X .5
2
6
.625 15.88
.905 22.99
.600 15.24
.345
8.76
4-40
M3 X .5
3
8
.660 16.76
.880 22.35
.700 17.78
.440
11.18
2-56
M2 X .4
4
7
.688 17.48
.968 24.59
.680 17.27
.408 10.36
4-40
M3 X .5
5
9,10
.720
18.29
1.000 25.40
.728
18.49
.440
11.18
4-40
M3 X .5
6
9
.720
18.29
.940 23.88
.728
18.49
.440
11.18
2-56
M2 X .4
7
8
.750
19.05
1.030 26.16
.770
19.56
.470
11.94
4-40
M3 X .5
8
10
.785
19.94
1.005 25.53
.805 20.45
.565 14.35
2-56
M2 X .4
9
12
13
9
.812
20.62
1.092 27.74
.860 21.84
.532
13.51
4-40
M3 X .5
10
11
.848 21.54
1.068 27.13
.868 22.05
.628 15.95
2-56
M2 X .4
11
10
.875
22.23
1.155 29.34
.946 24.03
.595 15.11
4-40
M3 X .5
12
14
.909 23.09
1.189 30.20
.955 24.26
.629 15.98
4-40
M3 X .5
13
12
.909 23.09
1.129 28.68
.909 23.09
.629 15.98
2-56
M2 X .4
14
12
.938 23.83
1.218 30.94
1.018 25.86
.658 16.71
4-40
M3 X .5
15
15
.969 24.61
1.249 31.72
1.049 26.64
.689 17.50
4-40
M3 X .5
16
16
.981
24.92
1.261 32.03
1.061 26.95
.701
17.81
4-40
M3 X .5
17
17
15
1.060 26.92
1.340 34.04
1.140 28.96
.780 19.81
4-40
M3 X .5
18
14
1.125 28.58
1.405 35.69
1.205 30.61
.845 21.46
4-40
M3 X .5
19
19*
15
1.188 30.18
1.468 37.29
1.268 32.21
.908 23.06
4-40
M3 X .5
20
18
1.255 31.88
1.535 38.99
1.335 33.91
.975
24.77
4-40
M3 X .5
21
21*
19
1.327 33.71
1.607 40.82
1.407 35.74
1.047 26.59
4-40
M3 X .5
22
23
1.570 39.88
1.850 46.99
1.650 41.91
1.290 32.77
4-40
M3 X .5
Series 800 Mighty Mouse
Mounting Flange with Standard or Metric Threads
809-199 and 809-303 Ordering Information
How To Order
Sample Part Number
809-199
-10 EAP
Series
809-199 = Mounting Flange with standard threads
809-303 = Mounting Flange with metric threads
Dash No.
1 thru 22
Shell Material/Finish
Mounting Flange: Aluminum Alloy Clinch Nuts: Cres/Passivate
Omit for Chem Film per MIL-C-5541
EAP - Polyamide Primer per MIL-PRF-23377
* Available for 809-199 only


Similar Part No. - 809-199

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-190 GLENAIR-809-190 Datasheet
293Kb / 2P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
809-191 GLENAIR-809-191 Datasheet
252Kb / 1P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191
809-198 GLENAIR-809-198 Datasheet
194Kb / 1P
Push-Pull Mighty Mouse
More results

Similar Description - 809-199

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-95-3A-A GLENAIR-M85049-95-3A-A Datasheet
190Kb / 1P
Mounting Flange
M85049-96-03-A GLENAIR-M85049-96-03-A Datasheet
60Kb / 1P
Mounting Flange
logo
Pepperl+Fuchs Inc.
BF4 PF-BF4 Datasheet
510Kb / 1P
Mounting flange
BF5 PF-BF5 Datasheet
524Kb / 1P
Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
Mounting flange
BF12-F PF-BF12-F Datasheet
579Kb / 2P
Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
Mounting flange
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
Mounting flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com