Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6420CS-3 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML6420CS-3
Description  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420CS-3 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML6420CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 9Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 10Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 11Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 12Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 13Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 14Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ML6420
11
Figure 1A. Stop-Band Amplitude vs Frequency
(fC = 5.5MHz). ML6420
Note: Figure 1, 2 and 3 data was measured using the test circuit in Figure 6.
Figure 3A. Group Delay vs Frequency (fC = 5.5MHz).
ML6420
Figure 2A. Pass-Band Amplitude vs Frequency
(fC = 5.5MHz). ML6420
10
0
–10
–20
–30
–30
–40
–50
–60
–70
–80
–90
FREQUENCY (Hz)
100k
1M
10M
100M
+1
+0.25
–0.5
–1.25
–2.0
–2.75
–3.5
–4.25
–5.0
–5.75
–6.5
FREQUENCY (Hz)
100k
1M
10M
0
FREQUENCY (Hz)
ML6420-1
ML6420-5
2M
7M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com