Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6420CS-4 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6420CS-4
Description  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420CS-4 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6420CS-4 Datasheet HTML 1Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 2Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 3Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 4Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 5Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 6Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 7Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 8Page - Micro Linear Corporation ML6420CS-4 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ML6420
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
5.50MHZ FILTER – ML6420-5
Bandwidth (monotonic passband)
–3dB (Note 5)
4.95
5.50
6.05
MHz
Attenuation
fIN = 10MHz
20
25
dB
fIN = 50MHz
45
55
dB
Output Noise
BW = 30MHz
1
mVRMS
Group Delay
170
ns
Small Signal Gain
VIN = 100mVP-P at 100kHz,
5.5
6
6.5
dB
Filter A or C
CV
Composite Small Signal Gain
VINA, C = 100mVP-P at 100kHz
11
12
13
dB
9.3MHZ FILTER – ML6420-7
Bandwidth (monotonic passband)
–3dB (Note 5)
8.4
9.3
10.2
MHz
Attenuation
fIN = 17MHz
20
25
dB
fIN = 85MHz
45
55
dB
Output Noise
BW = 30MHz
1
mVRMS
Group Delay
100
ns
DIGITAL AND DC
VIL
Logic Input Low
RANGE
0.8
V
VIH
Logic Input High
RANGE
VCC – 0.8
V
IIL
Logic Input Low
VIN = GND
–1
µA
IIL
Logic Input High
VIN = VCC
1µA
ICC
Supply Current RL = 75W
VIN = 0.5V (Note 4)
110
135
mA
VIN = 1.5V
150
175
mA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2:
Maximum resistance on the outputs is 500
W in order to improve step response.
Note 3:
Connect all ground pins to the ground plane via the shortest path.
Note 4:
Power dissipation PD = (ICC ´ VCC) – [3 (VOUT2/RL)]
Note 5: The bandwidth is the –3dB frequency of the unboosted filter. This represents the attenuation that results from boosting the gain from -3dB point at the
specified frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com