Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6426 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6426
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6426 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6426 Datasheet HTML 1Page - Micro Linear Corporation ML6426 Datasheet HTML 2Page - Micro Linear Corporation ML6426 Datasheet HTML 3Page - Micro Linear Corporation ML6426 Datasheet HTML 4Page - Micro Linear Corporation ML6426 Datasheet HTML 5Page - Micro Linear Corporation ML6426 Datasheet HTML 6Page - Micro Linear Corporation ML6426 Datasheet HTML 7Page - Micro Linear Corporation ML6426 Datasheet HTML 8Page - Micro Linear Corporation ML6426 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ML6426
2
November, 1999
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1A/B MUX
Logic input pin to select between
Bank <A> and Bank <B> video inputs.
This pin is internally pulled high.
2RINA/YINA Unfiltered analog R- or Y-channel
input for Bank <A>. Sync must be
provided at SYNC IN pin.
3
GND
Analog ground
4VCC
Analog 5V supply
5RINB/YINB
Unfiltered analog R- or Y-channel
input for Bank <B>. Sync must be
provided at SYNC IN pin.
6GINA/UINA Unfiltered analog G- or U-channel
input for Bank <A>. Sync must be
provided at SYNC IN pin.
7GINB/UINB Unfiltered analog G- or U-channel
input for Bank <B>. Sync must be
provided at SYNC IN pin.
PIN
NAME
FUNCTION
8BINA/VINA Unfiltered analog B- or V-channel
input for Bank <A>. Sync must be
provided at SYNC IN pin.
9BINB/VINB Unfiltered analog B- or V-channel
input for Bank <B>. Sync must be
provided at SYNC IN pin.
10
BOUT
Analog B or V-channel output
11
GOUT
Analog G or U-channel output
12
VCCO
5V power supply for output buffers
13
ROUT
Analog R or Y-channel output
14
GNDO
Analog ground
15
DISABLE
Disable/Enable pin. Turns the chip off
when logic high. Internally pulled low.
16
SYNC IN
Input for an external H-sync logic
signal for filter channels. CMOS
level input. Active High.
ML6426
16-Pin Narrow SOIC (S16N)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
A/B MUX
RINA/YINA
GND
VCC
RINB/YINB
GINA/UINA
GINB/UINB
BINA/VINA
SYNC IN
DISABLE
GNDO
ROUT/YOUT
VCCO
GOUT/UOUT
BOUT/VOUT
BINB/VINB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com