Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6428CS-4 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6428CS-4
Description  S-Video Filter and 75廓 Line Drivers with Summed Composite Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6428CS-4 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6428CS-4 Datasheet HTML 2Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 3Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 4Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 5Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 6Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 7Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 8Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 9Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ML6428
6
DATASHEET
June, 2000
The ML6428 is a dual monolithic continuous time video
filter designed for reconstructing the luminance and
chrominance signals from an S-Video D/A source.
Composite video output is generated by summing the Y
and C outputs. The ML6428 is intended for use in AC
coupled input and output applications. The ML6428CS-2,
-4 is intended for AC coupled input and DC coupled
output applications (see Figures 5 and 6).
The filters have a 4th-order Butterworth characteristic with
an optimization toward low overshoot and flat group
delay. All outputs are capable of driving 2VP-P into AC
coupled 150
W video loads, with up to 35pF of load
capacitance at the output pin. The CV output can drive
two video loads plus a high-impedance modulator. Thus
the CV output is intended to simultaneously drive a VCR,
a TV, and a high-impedance modulator. Y and C are
capable of driving a 75
W load at 1VP-P. The ML6428 is
capable of driving two composite loads and a TV
modulator simultaneously.
All channels are clamped during sync to establish the
appropriate output voltage swing range. Thus the input
coupling capacitors do not behave according to the
conventional RC time constant. Clamping for all
channels settles within 2ms of a change in video input
sources.
In most applications, the ML6428's input coupling
capacitors are 0.1µF. The Y input sinks 1.6µA during
active video, which nominally tilts a horizontal line by
2mV (max) at the Y output (Figure 4). During sync, the
clamp typically sources 20µA to restore the DC level. The
net result is that the average input current is zero.
Any change in the input coupling capacitor's value will
inversely alter the amount of tilt per line. Such a change
will also linearly affect the clamp response times.
The C channel has no pulldown current sources and is
essentially tilt-free. Its input is clamped by a feedback
amp which responds to the CV output. Since CV = Y+C,
the CV output will droop by the same amount as Y during
active video, and will rise by the same amount as Y
during sync.
The ML6428 is robust and stable under all stated load and
input conditions. Capacitavely bypassing both VCC pins
directly to ground ensures this performance. (See Figures
5 and 6)
LUMINANCE (Y) I/O
The luma input is driven by either a low impedance
source of 1VP-P or the output of a 75
W terminated line.
The input is required to be AC coupled via a 0.1uF
coupling capacitor which allows for a nominal settling
time of 2ms. The luma output is capable of driving an AC
coupled 150
W load at 2VP-P or 1VP-P into a 75W load.
Up to 35pF of load capacitance (at the output pin) can be
driven without stability or slew issues. A 220µF AC
coupling capacitor is recommended at the output
(ML6428-1, -3 only).
CHROMINANCE (C) I/O
The chroma input is driven by a low impedance source of
0.7VP-P or the output of a 75
W terminated line. The input
is required to be AC coupled via a 0.1uF coupling
capacitor which allows for a nominal clamping time of
1ms. The chroma output is capable of driving an AC
coupled 150
W load at 2VP-P or 1VP-P into a 75W load.
Up to 35pF of load capacitance can be driven without
stability or slew issues. A 220µF AC coupling capacitor is
recommended at the output (ML6428-1, -3 only).
COMPOSITE VIDEO (CV) OUTPUT
The composite video output is capable of driving 2 CV
loads to 2VP-P and a high input impedance CV modulator.
It is intended to drive three devices: TV, VCR, and a
modulator. The TV or VCR input can be shorted to ground
and the other outputs will still meet specifications. Up to
35pF of load capacitance (at the output pin) can be
driven without stability or slew issues.
USING THE ML6428 FOR PAL APPLICATIONS
The ML6428 can be optimized for PAL video by adding
frequency peaking to the composite and S-video outputs.
Figures 7 and 8 illustrate the use of a additional external
capacitor, 330pF, added in parallel to the output source
termination resistor. This raises the frequency response
from 1.6 dB down at 4.8Mhz to 0.35dB down at 4.8MHz
allowing for accurate reproduction of the upper sideband
of the PAL subcarrier. Figure 9 shows the frequency
response of PAL video with various values of peaking
capacitors (0pF, 220pF, 270pF, 330pF) between 0 and
10MHz.
For NTSC applications without the peaking capacitor the
rejection at 27MHz is 42dB (typical) while for PAL
applications with the peaking capacitor the rejection at
27MHz is 38dB (typical). This is shown in Figure 10. The
differential group delay is shown in Figure 11 with and
without a peaking capacitor (0pF, 220pF, 270pF, and
330pF) varies slightly with capacitance, going from 8ns to
13ns.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com