Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6460 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6460
Description  NTSC Video Encoder with Macrovision
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6460 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6460 Datasheet HTML 1Page - Micro Linear Corporation ML6460 Datasheet HTML 2Page - Micro Linear Corporation ML6460 Datasheet HTML 3Page - Micro Linear Corporation ML6460 Datasheet HTML 4Page - Micro Linear Corporation ML6460 Datasheet HTML 5Page - Micro Linear Corporation ML6460 Datasheet HTML 6Page - Micro Linear Corporation ML6460 Datasheet HTML 7Page - Micro Linear Corporation ML6460 Datasheet HTML 8Page - Micro Linear Corporation ML6460 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ML6460
3
PIN DESCRIPTION
PIN
NAME
FUNCTION
1AVCC1
Analog 5V supply pin
2
AGND1
Analog ground pin
3
PRESET0
Preset input pin for stand alone
operation
4
PRESET1
Preset input pin for stand alone
operation
5
FIELD
This pin can be configured as an input
or output via the control register (bits
B8 and B9). If configured as output, it
can be programmed to give analog or
digital (even/odd) field information. If
configured as input, it can be used to
set analog fields (1 and 2) or (3 and 4).
6
PHERR
External chroma lock input
7DVCC1
Digital 5V supply pin
8
DGND1
Digital ground pin
9
VSYNC
Vertical synchronization signal. Pin is
configured as input in external slave
mode and as output in master and
internal slave (CCIR656) modes.
Polarity and function are programmed
in control register in bits B10, B17,
B26, and B28.
10
HSYNC
Horizontal synchronization signal. Pin
is configured as input in external slave
mode and as output in master and
internal slave (CCIR656) modes.
Polarity and function are programmed
in control register in bits B15, B25,
B28, and B29.
PIN
NAME
FUNCTION
11
YCRCB7
YCRCB digital input bit 7
12
YCRCB6
YCRCB digital input bit 6
13
YCRCB5
YCRCB digital input bit 5
14
DVCC2
Digital 5V supply pin
15
DGND2
Digital ground pin
16
CLK
System clock: 27Mhz (CCIR656 rate),
24.54Mhz (Square Pixel rate)
17
YCRCB4
YCRCB digital input bit 4
18
YCRCB3
YCRCB digital input bit 3
19
YCRCB2
YCRCB digital input bit 2
20
YCRCB1
YCRCB digital input bit 1
21
YCRCB0
YCRCB digital input bit 0
22
SCLK
Serial control bus clock input
23
SDATA
Serial control bus data input
24
AGND2
Analog ground pin
25
AVCC2
Analog 5V supply pin
26
CVOUT
Composite video output
27
YOUT
Luma output
28
COUT
Chroma output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com